Electronic Components Datasheet Search
  English  ▼

X  

VFD-L Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # VFD-L
Description  User Manual
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VFD-L Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button VFD-L Datasheet HTML 8Page - List of Unclassifed Manufacturers VFD-L Datasheet HTML 9Page - List of Unclassifed Manufacturers VFD-L Datasheet HTML 10Page - List of Unclassifed Manufacturers VFD-L Datasheet HTML 11Page - List of Unclassifed Manufacturers VFD-L Datasheet HTML 12Page - List of Unclassifed Manufacturers VFD-L Datasheet HTML 13Page - List of Unclassifed Manufacturers VFD-L Datasheet HTML 14Page - List of Unclassifed Manufacturers VFD-L Datasheet HTML 15Page - List of Unclassifed Manufacturers VFD-L Datasheet HTML 16Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
15
Dimensions
60.0 [2.36]
POWER
ALARM
High
Low
RUN
REV
FWD
STOP
RS485
52.5 [2.07]
135.7 [5.34]
125.1 [4.93]
8.0 [0.31]
2.7 [0.11]
4.5[ 0.18]
VFD001L11A
VFD001L21A
VFD40WL11A
VFD40WL21A
W/T3
N/L2
V/T2
U/T1
L/L1
Unit: mm [inch]
145.1 [5.71]
2.7 [0.11]
8.0 [0.31]
VFD001L11B
VFD001L21B
VFD40WL11B
VFD40WL21B
155.7 [6.13]
60.0 [2.36]
High
STOP
FWD
RUN
REV
ALARM
POWER
Low
52.5 [2.07]
RS485
4.5[ 0.18]
W/T3
N/L2
V/T2
U/T1
L/L1
Unit: mm [inch]
SCREW
M4 or Tapping 4(2x)
53
+1
- 0 [
2.09
]
Unit : mm [inch]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com