Electronic Components Datasheet Search
  English  ▼

X  

VFD-L Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # VFD-L
Description  User Manual
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VFD-L Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  VFD-L Datasheet HTML 1Page - List of Unclassifed Manufacturers VFD-L Datasheet HTML 2Page - List of Unclassifed Manufacturers VFD-L Datasheet HTML 3Page - List of Unclassifed Manufacturers VFD-L Datasheet HTML 4Page - List of Unclassifed Manufacturers VFD-L Datasheet HTML 5Page - List of Unclassifed Manufacturers VFD-L Datasheet HTML 6Page - List of Unclassifed Manufacturers VFD-L Datasheet HTML 7Page - List of Unclassifed Manufacturers VFD-L Datasheet HTML 8Page - List of Unclassifed Manufacturers VFD-L Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
1
Preface
Thank you for choosing Delta’s high-performance VFD-L Series. VFD-L Series are
manufactured by adopting high-quality components, material and incorporating the latest
microprocessor technology available.
This manual will be helpful in the installation, parameter setting, troubleshooting, and daily
maintenance of the AC motor drives. To guarantee safe operation of the equipment, read
the following safety guidelines before connecting power to the AC motor drives. Keep this
operating manual handy and distribute to all users for reference.
Receiving and Inspection
This VFD-L AC drive has gone through rigorous quality control tests at the factory before
shipment. After receiving the AC motor drive, please check for the following:
Receiving
Check to make sure that the package includes an AC drive and the User Manual.
Inspect the unit to insure it was not damaged during shipment.
Make sure that the part number indicated on the nameplate corresponds with the part
number of your order.
Nameplate Information:
Example of 100W 230V AC drive
MODE :VFD001L21A
INPUT :1PH 200-240V 50/60Hz 1.4A
OUTPUT:3PH 0-240V 0.8A 303VA 100W
Freq. Range:1.00~120.00Hz
DELTA ELECTRONICS, INC.
MADE IN XXXXXX
001L21AT001007
AC Drive Model
Input Spec.
Output Spec.
Output Frequency
Serial Number
Bar Code
Model Explanation and Series Number Explanation:
VFD 001 L 21 A
Version Type
VFD-L Series
Applicable motor capacity
001:60/100(W)
40W:25/40(W)
Series Name
Input Voltage
T 2 01 007
Production number
Production week
Production year 2002
Production factory (Taoyuan)
If there is any nameplate information not corresponding to your purchase order or any
problem, please contact your supplier.
!
DANGER! AC input power must be disconnected before any maintenance. Do not
connect or disconnect wires and connectors while power is applied to the circuit.
!
CAUTION! There are highly sensitive MOS components on the printed circuit boards.
These components are especially sensitive to static electricity. Do not touch these
components or the circuit boards with metal objects or your bare hands.
!
CAUTION! Ground the VFD-L using the ground terminal. The grounding method must
comply with the laws of the country where the AC drive is to be installed.
CAUTION! Heat sink may heat up over 70oC (158oF), during the operation. Do not
touch the heat sink.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com