Electronic Components Datasheet Search
  English  ▼

X  

S8351 Datasheet(PDF) 41 Page - Seiko Instruments Inc

Part # S8351
Description  STEP-UP, BUILT-IN / EXTERNAL FET PFM CONTROL SWITCHING REGULATOR / SWITCHING REGULATOR CONTROLLER
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8351 Datasheet(HTML) 41 Page - Seiko Instruments Inc

Back Button S8351 Datasheet HTML 37Page - Seiko Instruments Inc S8351 Datasheet HTML 38Page - Seiko Instruments Inc S8351 Datasheet HTML 39Page - Seiko Instruments Inc S8351 Datasheet HTML 40Page - Seiko Instruments Inc S8351 Datasheet HTML 41Page - Seiko Instruments Inc S8351 Datasheet HTML 42Page - Seiko Instruments Inc S8351 Datasheet HTML 43Page - Seiko Instruments Inc S8351 Datasheet HTML 44Page - Seiko Instruments Inc S8351 Datasheet HTML 45Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 51 page
background image
STEP-UP, BUILT-IN / EXTERNAL FET PFM CONTROL SWITCHING REGULATOR / SWITCHING REGULATOR CONTROLLER
Rev.3.0_01
S-8351/8352 Series
41
Condition 11 S-8352A50MC
(a) Input voltage (VIN) vs. Output voltage (VOUT)
(Input voltage raising)
(b) Input voltage (VIN) vs. Output voltage (VOUT)
(Input voltage falling)
4.8
4.9
5.0
5.1
VIN [V]
2
3
5
1
0
4.6
4.7
4
6
IOUT
= 0.1 mA
IOUT
= 1 mA
IOUT
= 10 mA
IOUT
= 50 mA
IOUT
= 100 mA
IOUT
= 150 mA
5.2
VIN [V]
23
5
1
4.8
4.9
5.0
5.1
5.2
4.6
4.7
0
4
6
IOUT
= 0.1 mA
IOUT
= 1 mA
IOUT
= 10 mA
IOUT
= 50 mA
IOUT
= 100 mA
IOUT
= 150 mA
(c) Output current (IOUT) vs.Output voltage (VOUT)
(d) Output current (IOUT) vs. Efficiency (
η)
4.8
4.9
5.0
5.1
IOUT [mA]
4.6
4.7
100
200
300
50
0
400
150
250
350
450
VIN
= 1.5 V
VIN
= 2.0 V
VIN
= 3.0 V
VIN
= 4.0 V
5.2
50
60
70
90
80
IOUT [mA]
1
10
100
1000
0.1
0.01
VIN
= 2.0 V
VIN
= 3.0 V
VIN
= 4.0 V
Condition 12 S-8352A50MC
(a) Input voltage (VIN) vs. Output voltage (VOUT)
(Input voltage raising)
(b) Input voltage (VIN) vs. Output voltage (VOUT)
(Input voltage falling)
4.8
4.9
5.0
5.1
VIN [V]
2
3
5
1
0
5.2
4.6
4.7
4
6
IOUT
= 0.1 mA
IOUT
= 1 mA
IOUT
= 10 mA
IOUT
= 50 mA
IOUT
= 100 mA
4.8
4.9
5.0
5.2
VIN [V]
4.6
4.7
23
5
1
04
6
IOUT
= 0.1 mA
IOUT
= 1 mA
IOUT
= 10 mA
IOUT
= 50 mA
IOUT
= 100 mA
5.1
(c) Output current (IOUT) vs.Output voltage (VOUT)
(d) Output current (IOUT) vs. Efficiency (
η)
4.8
4.9
5.0
5.1
IOUT [mA]
5.2
4.6
4.7
100
200
300
50
0
400
150
250
350
450
VIN
=2.0 V
VIN
=3.0 V
VIN
=4.0 V
50
60
70
80
IOUT [mA]
1
10
100
1000
0.1
0.01
90
VIN
= 3.0 V
VIN
= 4.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com