Electronic Components Datasheet Search
  English  ▼

X  

S8351 Datasheet(PDF) 7 Page - Seiko Instruments Inc

Part # S8351
Description  STEP-UP, BUILT-IN / EXTERNAL FET PFM CONTROL SWITCHING REGULATOR / SWITCHING REGULATOR CONTROLLER
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8351 Datasheet(HTML) 7 Page - Seiko Instruments Inc

Back Button S8351 Datasheet HTML 3Page - Seiko Instruments Inc S8351 Datasheet HTML 4Page - Seiko Instruments Inc S8351 Datasheet HTML 5Page - Seiko Instruments Inc S8351 Datasheet HTML 6Page - Seiko Instruments Inc S8351 Datasheet HTML 7Page - Seiko Instruments Inc S8351 Datasheet HTML 8Page - Seiko Instruments Inc S8351 Datasheet HTML 9Page - Seiko Instruments Inc S8351 Datasheet HTML 10Page - Seiko Instruments Inc S8351 Datasheet HTML 11Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 51 page
background image
STEP-UP, BUILT-IN / EXTERNAL FET PFM CONTROL SWITCHING REGULATOR / SWITCHING REGULATOR CONTROLLER
Rev.3.0_01
S-8351/8352 Series
7
5. Product Name List
(1) S-8351 Series
Table 4
Output
voltage
S-8351AxxMC
Series
S-8351BxxMA
Series
S-8351CxxMA
Series
S-8351CxxUA
Series
S-8351DxxMC
Series
1.5 V
−
−
−
−
S-8351D15MC-J8AT2x
2.0 V
S-8351A20MC-J2FT2x
S-8351B20MA-J4FT2G
−
−
S-8351D20MC-J8FT2x
2.2 V
S-8351A22MC-J2HT2x
−
−
−
−
2.5 V
S-8351A25MC-J2KT2x
S-8351B25MA-J4KT2G
−
S-8351C25UA-J6KT2x
−
2.6 V
S-8351A26MC-J2LT2x
−
−
−
−
2.7 V
S-8351A27MC-J2MT2x
S-8351B27MA-J4MT2G
−
−
−
2.8 V
S-8351A28MC-J2NT2x
−
−
−
−
3.0 V
S-8351A30MC-J2PT2x
S-8351B30MA-J4PT2G
−
S-8351C30UA-J6PT2x
S-8351D30MC-J8PT2x
3.1 V
−
−
−
S-8351C31UA-J6QT2x
−
3.2 V
S-8351A32MC-J2RT2x
−
−
S-8351C32UA-J6RT2x
−
3.3 V
S-8351A33MC-J2ST2x
S-8351B33MA-J4ST2G
S-8351C33MA-J6ST2G
S-8351C33UA-J6ST2x
−
3.5 V
S-8351A35MC-J2UT2x
−
−
S-8351C35UA-J6UT2x
−
4.0 V
S-8351A40MC-J2ZT2x
−
−
−
S-8351D40MC-J8ZT2x
4.5 V
S-8351A45MC-J3ET2x
S-8351B45MA-J5ET2G
−
−
−
4.6 V
−
S-8351B46MA-J5FT2G
−
−
−
4.7 V
S-8351A47MC-J3GT2x
−
−
−
−
5.0 V
S-8351A50MC-J3JT2x
S-8351B50MA-J5JT2G
−
S-8351C50UA-J7JT2x
S-8351D50MC-J9JT2x
5.5 V
S-8351A55MC-J3OT2x
S-8351B55MA-J5OT2G
−
−
−
5.6 V
S-8351A56MC-J3PT2x
−
−
−
−
6.0 V
S-8351A60MC-J3TT2x
−
−
−
S-8351D60MC-J9TT2x
(2) S-8352 Series
Table 5
Output
voltage
S-8352AxxMC
Series
S-8352BxxMA
Series
S-8352CxxUA
Series
S-8352DxxMC
Series
2.0 V
−
−
−
S-8352D20MC-K8FT2x
2.5 V
S-8352A25MC-K2KT2x
−
−
−
3.0 V
S-8352A30MC-K2PT2x
S-8352B30MA-K4PT2G
S-8352C30UA-K6PT2x
S-8352D30MC-K8PT2x
3.1 V
−
−
S-8352C31UA-K6QT2x
−
3.2 V
S-8352A32MC-K2RT2x
−
S-8352C32UA-K6RT2x
−
3.3 V
S-8352A33MC-K2ST2x
−
S-8352C33UA-K6ST2x
S-8352D33MC-K8ST2x
3.5 V
S-8352A35MC-K2UT2x
−
−
−
3.7 V
S-8352A37MC-K2WT2x
−
−
−
4.0 V
S-8352A40MC-K2ZT2x
−
−
−
4.6 V
S-8352A46MC-K3FT2x
−
−
−
4.7 V
S-8352A47MC-K3GT2x
−
−
−
5.0 V
S-8352A50MC-K3JT2x
S-8352B50MA-K5JT2G
S-8352C50UA-K7JT2x
−
5.4 V
S-8352A54MC-K3NT2x
−
−
−
5.6 V
−
−
S-8352C56UA-K7PT2x
−
Remark 1. Please contact the SII Semiconductor Corporation marketing department for products with an output voltage other
than those specified above.
2. x: G or U
3. Please select products of environmental code = U for Sn 100%, halogen-free products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com