Electronic Components Datasheet Search
  English  ▼

X  

S8351 Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S8351
Description  STEP-UP, BUILT-IN / EXTERNAL FET PFM CONTROL SWITCHING REGULATOR / SWITCHING REGULATOR CONTROLLER
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8351 Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S8351 Datasheet HTML 1Page - Seiko Instruments Inc S8351 Datasheet HTML 2Page - Seiko Instruments Inc S8351 Datasheet HTML 3Page - Seiko Instruments Inc S8351 Datasheet HTML 4Page - Seiko Instruments Inc S8351 Datasheet HTML 5Page - Seiko Instruments Inc S8351 Datasheet HTML 6Page - Seiko Instruments Inc S8351 Datasheet HTML 7Page - Seiko Instruments Inc S8351 Datasheet HTML 8Page - Seiko Instruments Inc S8351 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
S-8351/8352 Series
www.sii-ic.com
STEP-UP, BUILT-IN / EXTERNAL FET PFM CONTROL SWITCHING
REGULATOR / SWITCHING REGULATOR CONTROLLER
© SII Semiconductor Corporation, 2002-2010
Rev.3.0_01
1
The S-8351/8352 Series is a CMOS step-up switching regulator controller which mainly consists of a reference voltage
source, an oscillation circuit, a comparator and PFM control circuit. The PFM control circuit allows the duty ratio to be
automatically switched according to the load (at light load : 50%, at high output current : 75%), enabling products with a low
ripple over a wide range, high efficiency, and high output current (A, B, and D type). Products with a fixed duty ratio of 75%
are also available (C type).
The S-8351 Series can configure a step-up switching regulator with an external coil, capacitor, and diode. A protection
circuit turns off the built-in MOS FET when the voltage at the CONT pin exceeds the limit to prevent it from being damaged.
In addition to the above features, the small package and low current consumption, makes the S-8351 Series ideal for
applications such as the power supply unit of portable equipment.
The S-8352 Series, which features an external transistor, is suitable for applications requiring a high output current.
Features
• Low voltage operation : Startup at 0.9 V min. (IOUT = 1 mA) guaranteed
• Low current consumption : During operation 23.2
μA (VOUT = 3.3 V, typ.)
During shutdown 0.5
μA (max.)
• Duty ratio : 50 % / 75 % built-in auto-switching-type PFM control circuit (A, B, and D type)
75 % built-in fixed-type PFM control circuit (C type)
• External parts : Coil, capacitor, and diode
• Output voltage : Selectable in 0.1 V steps between 2.0 V to 6.5 V (A, B, and C type)
Selectable in 0.1 V steps between 1.5 V to 6.5 V (D type)
• Output voltage accuracy :
±2.4%
• Shutdown function (A type)
• VDD / VOUT separate type (D type)
• External transistor type available (S-8352 Series)
• Lead-free, Sn 100%, halogen-free*1
*1. Refer to “ Product Name Structure” for details.
Applications
• Power supplies for portable equipment such as digital cameras, electronic notebooks, and PDAs
• Power supplies for audio equipment such as portable CD / MD players
• Constant voltage power supplies for cameras, video equipment, and communications equipment
• Power supplies for microcomputers
Packages
• SOT-23-3
• SOT-23-5
• SOT-89-3


Similar Part No. - S8351

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
S8351 SATCO-S8351 Datasheet
123Kb / 1P
32 watt; pin-based Compact Fluorescent; 3500K; 82 CRI; GX24q-3 (4-Pin) base
More results

Similar Description - S8351

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8321 SII-S-8321 Datasheet
1Mb / 26P
SMALL PACKAGE PFM CONTROL STEP-UP SWITCHING REGULATOR
logo
ON Semiconductor
NCP1402 ONSEMI-NCP1402 Datasheet
158Kb / 18P
200 mA, PFM Step-Up Micropower Switching Regulator
November, 2003 ??Rev. 5
logo
Seiko Instruments Inc
S-8351A50MC-J3JT2G SII-S-8351A50MC-J3JT2G Datasheet
552Kb / 51P
STEP-UP, BUILT-IN / EXTERNAL FET PFM CONTROL SWITCHING REGULATOR / SWITCHING REGULATOR CONTROLLER
logo
ON Semiconductor
NCP1402 ONSEMI-NCP1402_14 Datasheet
178Kb / 18P
PFM Step-Up Micropower Switching Regulator
July, 2014 ??Rev. 10
logo
Seiko Instruments Inc
S8340 SII-S8340 Datasheet
3Mb / 55P
STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8353 SII-S8353 Datasheet
2Mb / 49P
STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
S8520 SII-S8520 Datasheet
2Mb / 44P
STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8351 ABLIC-S-8351 Datasheet
656Kb / 51P
STEP-UP, BUILT-IN / EXTERNAL FET PFM CONTROL SWITCHING REGULATOR / SWITCHING REGULATOR CONTROLLER
Rev.3.1_00
S-8353 ABLIC-S-8353 Datasheet
567Kb / 49P
STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
Rev.3.0_02
S-8520 ABLIC-S-8520 Datasheet
612Kb / 44P
STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.9.0_02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com