Electronic Components Datasheet Search
  English  ▼

X  

S8351 Datasheet(PDF) 10 Page - Seiko Instruments Inc

Part # S8351
Description  STEP-UP, BUILT-IN / EXTERNAL FET PFM CONTROL SWITCHING REGULATOR / SWITCHING REGULATOR CONTROLLER
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8351 Datasheet(HTML) 10 Page - Seiko Instruments Inc

Back Button S8351 Datasheet HTML 6Page - Seiko Instruments Inc S8351 Datasheet HTML 7Page - Seiko Instruments Inc S8351 Datasheet HTML 8Page - Seiko Instruments Inc S8351 Datasheet HTML 9Page - Seiko Instruments Inc S8351 Datasheet HTML 10Page - Seiko Instruments Inc S8351 Datasheet HTML 11Page - Seiko Instruments Inc S8351 Datasheet HTML 12Page - Seiko Instruments Inc S8351 Datasheet HTML 13Page - Seiko Instruments Inc S8351 Datasheet HTML 14Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 51 page
background image
STEP-UP, BUILT-IN / EXTERNAL FET PFM CONTROL SWITCHING REGULATOR / SWITCHING REGULATOR CONTROLLER
S-8351/8352 Series
Rev.3.0_01
10
Absolute Maximum Ratings
Table 14
(Ta = 25
°C unless otherwise specified)
Item
Symbol
Absolute maximum rating
Unit
VOUT pin voltage
VOUT
VSS
− 0.3 to VSS + 12
V
OFF
/
ON
pin voltage *1
OFF
/
ON
V
VSS
− 0.3 to VSS + 12
V
VDD pin voltage *2
VDD
VSS
− 0.3 to VSS + 12
V
CONT pin voltage
VCONT
VSS
− 0.3 to VSS + 12
V
EXT pin voltage
D type
VEXT
VSS
− 0.3 to VDD + 0.3
V
Others
VSS
− 0.3 to VOUT + 0.3
V
CONT pin current
ICONT
300
mA
EXT pin current
IEXT
±50
mA
Power dissipation
SOT-23-3
PD
150 (When not mounted on board)
mW
430*3
mW
SOT-23-5
250 (When not mounted on board)
mW
600*3
mW
SOT-89-3
500 (When not mounted on board)
mW
1000*3
mW
Operating ambient temperature
Topr
− 40 to + 85
°C
Storage temperature
Tstg
− 40 to + 125
°C
*1.
With shutdown function
*2.
For VDD / VOUT separate type
*3.
When mounted on board
[Mounted board]
(1) Board size :
114.3 mm
× 76.2 mm × t1.6 mm
(2) Board name :
JEDEC STANDARD51-7
Caution The absolute maximum ratings are rated values exceeding which the product could suffer physical
damage. These values must therefore not be exceeded under any conditions.
(1) When mounted on board
(2) When not mounted on board
0
50
100
150
800
400
0
Ambient temperature (Ta) [
°C]
1000
600
200
1200
SOT-23-3
SOT-23-5
SOT-89-3
0
50
100
150
400
200
0
Ambient temperature (Ta) [
°C]
500
300
100
600
SOT-23-3
SOT-23-5
SOT-89-3
Figure 10 Power Dissipation of Packages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com