Electronic Components Datasheet Search
  English  ▼

X  

S8351 Datasheet(PDF) 6 Page - Seiko Instruments Inc

Part # S8351
Description  STEP-UP, BUILT-IN / EXTERNAL FET PFM CONTROL SWITCHING REGULATOR / SWITCHING REGULATOR CONTROLLER
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8351 Datasheet(HTML) 6 Page - Seiko Instruments Inc

Back Button S8351 Datasheet HTML 2Page - Seiko Instruments Inc S8351 Datasheet HTML 3Page - Seiko Instruments Inc S8351 Datasheet HTML 4Page - Seiko Instruments Inc S8351 Datasheet HTML 5Page - Seiko Instruments Inc S8351 Datasheet HTML 6Page - Seiko Instruments Inc S8351 Datasheet HTML 7Page - Seiko Instruments Inc S8351 Datasheet HTML 8Page - Seiko Instruments Inc S8351 Datasheet HTML 9Page - Seiko Instruments Inc S8351 Datasheet HTML 10Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 51 page
background image
STEP-UP, BUILT-IN / EXTERNAL FET PFM CONTROL SWITCHING REGULATOR / SWITCHING REGULATOR CONTROLLER
S-8351/8352 Series
Rev.3.0_01
6
(2) SOT-23-5, SOT-89-3
S-835 x x xx xx - xxx T2 x
Environmental code
U : Lead-free (Sn 100%), halogen-free
G : Lead-free (for details, please contact our sales office)
IC direction in tape specifications
*1
Product name (abbreviation)
*2
Package name (abbreviation)
MC : SOT-23-5
UA : SOT-89-3
Output voltage
15 to 65
(e.g. When the output voltage is 1.5 V, it is expressed as 15.)
Product type
A : With shutdown function,
fOSC = 100 kHz
B : 50% / 75% automatic duty ratio switching type, fOSC = 100 kHz
C : 75% duty ratio fixed type,
fOSC = 100 kHz
D : VDD / VOUT separate type,
fOSC = 100 kHz
Series name
1 : Built-in power MOS FET
2 : External power MOS FET
*1. Refer to the tape specifications.
*2. Refer to the Table 4, 5 in the “5. Product Name List”.
4. Package
Package Name
Drawing Code
Package
Tape
Reel
SOT-23-3
MP003-A-P-SD
MP003-A-C-SD
MP003-A-R-SD
SOT-23-5
MP005-A-P-SD
MP005-A-C-SD
MP005-A-R-SD
SOT-89-3
UP003-A-P-SD
UP003-A-C-SD
UP003-A-R-SD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com