Electronic Components Datasheet Search
  English  ▼

X  

S8351 Datasheet(PDF) 12 Page - Seiko Instruments Inc

Part # S8351
Description  STEP-UP, BUILT-IN / EXTERNAL FET PFM CONTROL SWITCHING REGULATOR / SWITCHING REGULATOR CONTROLLER
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8351 Datasheet(HTML) 12 Page - Seiko Instruments Inc

Back Button S8351 Datasheet HTML 8Page - Seiko Instruments Inc S8351 Datasheet HTML 9Page - Seiko Instruments Inc S8351 Datasheet HTML 10Page - Seiko Instruments Inc S8351 Datasheet HTML 11Page - Seiko Instruments Inc S8351 Datasheet HTML 12Page - Seiko Instruments Inc S8351 Datasheet HTML 13Page - Seiko Instruments Inc S8351 Datasheet HTML 14Page - Seiko Instruments Inc S8351 Datasheet HTML 15Page - Seiko Instruments Inc S8351 Datasheet HTML 16Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 51 page
background image
STEP-UP, BUILT-IN / EXTERNAL FET PFM CONTROL SWITCHING REGULATOR / SWITCHING REGULATOR CONTROLLER
S-8351/8352 Series
Rev.3.0_01
12
Table 15 (2 / 2)
(Ta = 25
°C unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Measurement
circuit
OFF
/
ON
pin input voltage
(With shutdown function)
VSH
VOUT = VOUT(S)
× 0.95,
Measured oscillation at CONT pin
0.75
−
−
V
2
VSL1
VOUT = VOUT(S)
× 0.95,
Judged oscillation stop at
CONT pin
At VOUT
≥1.5 V
−
−
0.3
V
2
VSL2
At VOUT
<1.5 V
−
−
0.2
V
2
OFF
/
ON
pin input current
(With shutdown function)
ISH
OFF
/
ON
V
= 10 V
− 0.1
−
0.1
μA
2
ISL
OFF
/
ON
V
= 0 V
− 0.1
−
0.1
μA
2
Efficiency
EFFI
−
S-8351x30
−
86
−
%
1
S-8351x50
−
88
−
%
1
External parts
Coil:
CDRH6D28-101 (100
μH) of Sumida Corporation
Diode:
MA2Z748 (Shottky type) of Matsushita Electric Industrial Co., Ltd.
Capacitor: F93 (16 V, 47
μF tantalum type) of Nichicon Corporation
VIN = VOUT(S)
× 0.6 applied, IOUT = VOUT(S) / 250 Ω
With shutdown function :
OFF
/
ON
pin is connected to VOUT
For VDD / VOUT separate type : VDD pin is connected to VOUT pin
Remark 1.
VOUT(S) specified above is the set output voltage value, and VOUT is the typical value of the actual output
voltage.
2.
VDD / VOUT separate type
A step-up operation is performed from VDD = 0.8 V. However, 1.8 V
≤VDD<10 V is recommended stabilizing
the output voltage and oscillation frequency. (VDD
≥1.8 V must be applied for products with a set value of less
than 1.9 V.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com