Electronic Components Datasheet Search
  English  ▼

X  

WM8602 Datasheet(PDF) 6 Page - Wolfson Microelectronics plc

Part # WM8602
Description  2.1 CHANNEL PWM CONTROLLER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8602 Datasheet(HTML) 6 Page - Wolfson Microelectronics plc

Back Button WM8602 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 10Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
WM8602
Product Preview
w
PP Rev 1.5 May 2004
6
ELECTRICAL CHARACTERISTICS
Test Conditions
AVDD, BVDD, DVDD = 2.7 to 3.3V, AGND, DGND, BGND = 0V, TA = -20 to +85
oC, fs = 44.1kHz/48kHz, MCLK = 256fs unless
stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input capacitance
Ci
3
4
pF
Input leakage
Ileak
±0.1
±0.5
µA
Oscillator
Input XIN LOW level
VXIL
0
0.44
V
Input XIN HIGH level
VXIH
0.77
AVDD
V
Input XIN capacitance
CXI
4
5
pF
Input XIN leakage
IXleak
0.10
0.11
0.13
mA
Output XOP LOW
VXOL
15pF load capacitors
0.1
0.4
0.5
V
Output XOP HIGH
VXOH
15pF load capacitors
1.2
1.3
1.4
V
Digital Logic Levels (CMOS Levels)
Input LOW level
VIL
0.3 x DVDD
V
Input HIGH level
VIH
0.7 x DVDD
V
Pull-up/pull-down resistance
100
200
400
kΩ
Output LOW
VOL
IOL=+1mA
0.1 x DVDD
V
Output HIGH
VOH
IOL=-1mA
0.9 x DVDD
V
Digital Logic Levels (LVDS Levels)
Output differential voltage
VOD
RT=100
Ω
200
350
500
mV
Offset voltage
VOS
RT=100
Ω
0.95
1.25
1.4
V
Termination load
RT
20pF load
100
Ω
PCM to PWM converter
Digital SNR
L, R
105
dB
Typical SNR with output stage
(A-weighted)
L, R
100
dB
Typical Dynamic Range with
output stage
L, R
100
dB
Digital THD+N at 0dBfs
L, R
0.001
%
Typical THD+N at 30Watt with
output stage
L, R
0.1
%
Typical THD+N at 1Watt with
typical output stage
L, R
0.01
%
Typical IMD (CCIF – 19/20kHz)
L, R
-70
dBFS
Typical IMD (SMPTE –
60Hz/7kHz)
L, R
-70
dBFS
PCM to PWM converter
Digital SNR
Subwoofer
5
105
Typical SNR with output stage
(A-weighted)
Subwoofer
5
100
Typical Dynamic Range with
output stage
Subwoofer
5
100
Digital THD+N at 0dBfs
Subwoofer
5
0.001
Typical THD+N at 30Watt with
output stage
Subwoofer
5
0.1
Typical THD+N at 1Watt with
typical output stage
Subwoofer
5
0.01
Typical IMD (CCIF – 19/20kHz)
Subwoofer
5
-70
Typical IMD (SMPTE –
60Hz/7kHz)
Subwoofer
5
-70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com