Electronic Components Datasheet Search
  English  ▼

X  

WM8602 Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM8602
Description  2.1 CHANNEL PWM CONTROLLER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8602 Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM8602 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
w
WM8602
2.1 Channel PWM Controller
WOLFSON MICROELECTRONICS plc
www.wolfsonmicro.com
Product Preview, May 2004, Rev 1.5
Copyright
2004 Wolfson Microelectronics plc
DESCRIPTION
The WM8602 comprises a high performance stereo + sub
PWM digital power amplifier controller. Simply by adding
appropriate power output stages a 2.1 channel power
amplifier may be built. Two identical full audio bandwidth
channels, plus a reduced bandwidth sub channel are
provided as PWM outputs.
The PCM to PWM converter supports up to 2 channels of
audio,
in
PCM
input
formats.
The
on
board
bass
management enables the generation of a sub channel from
the stereo PCM data.
A Graphic Equaliser function is provided, plus selectable
high frequency equalisation to suit different speaker types.
Independent volume control for each channel is provided.
The WM8602 PWM controller is compatible with integrated
switching output stages available from a number of vendors
or alternatively may be used with a discrete output stage
configuration and achieve similar levels of performance.
A Dynamic Peak Compressor with programmable attack
and decay times is included, which allows headroom for
tone control, bass management and extra digital gain to be
provided, without clipping occurring.
A Synchroniser allows slaving to LRCLK, thus making the
WM8602 independent of source MCLK frequency and jitter.
The device is controlled via a 2/3 wire serial interface. The
interface provides access to all features including channel
selection, volume controls, mutes, de-emphasis and power
management facilities. The device is supplied in a 28-pin
SSOP package.
FEATURES
•
Multi-channel PWM audio amplifier controller
•
Supports Stereo input
•
Supports stereo or 2.1 with sub channel generation
•
PWM Audio Performance with typical output stage
−
100dB SNR (‘A’ weighted @ 48kHz)
−
0.01% THD @ 1Watt
−
0.1% THD @ 30Watt
•
Integrated Bass Management support with adjustable filter
•
Integrated 4-band Graphic Equaliser
•
Adjustable output stage filter compensation for different
speakers
•
Volume control on each channel +24dB to -103.5dB in
0.5dB steps, with volume ramping and auto-mute
functions
•
Programmable Dynamic Peak Compressor avoids clipping
even at high volume settings
•
Internal PLL and optional crystal oscillator, supporting
Audio and MPEG standards
•
2/3-Wire MPU Serial Control Interface
•
Master or Slave Clocking Mode
•
Programmable Audio Data Interface Modes
−
I
2S, Left, Right Justified or DSP
−
16/20/24/32 bit Word Lengths
•
De-emphasis support for stereo
•
CMOS digital outputs
APPLICATIONS
•
Hi-Fi systems
•
Automotive Audio
•
Boombox
•
Active Speakers


Similar Part No. - WM8602

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8608 WOLFSON-WM8608 Datasheet
522Kb / 54P
5 TO 7.1 CHANNEL PWM CONTROLLER
WM8608EFT WOLFSON-WM8608EFT Datasheet
522Kb / 54P
5 TO 7.1 CHANNEL PWM CONTROLLER
WM8608EFT/RV WOLFSON-WM8608EFT/RV Datasheet
522Kb / 54P
5 TO 7.1 CHANNEL PWM CONTROLLER
WM8608EFT/V WOLFSON-WM8608EFT/V Datasheet
522Kb / 54P
5 TO 7.1 CHANNEL PWM CONTROLLER
More results

Similar Description - WM8602

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP2001 ANACHIP-AP2001 Datasheet
188Kb / 8P
Monolithic Dual Channel PWM Controller
Rev. 0.3 Feb 20, 2004
logo
Advanced Analogic Techn...
AAT1100 ANALOGICTECH-AAT1100 Datasheet
473Kb / 15P
TRIPLE-CHANNEL PWM CONTROLLER
logo
Taiwan Semiconductor Co...
TS1451 TSC-TS1451 Datasheet
138Kb / 7P
Dual Channel PWM Controller
logo
Diodes Incorporated
AP2001 DIODES-AP2001 Datasheet
176Kb / 8P
MONOLITHIC DUAL CHANNEL PWM CONTROLLER
AP2001 Rev. 2
logo
Microsemi Corporation
NX2138 MICROSEMI-NX2138 Datasheet
605Kb / 16P
SINGLE CHANNEL MOBILE PWM CONTROLLER
logo
Diodes Incorporated
AP2001 DIODES-AP2001_06 Datasheet
182Kb / 8P
MONOLITHIC DUAL CHANNEL PWM CONTROLLER
AP2001 Rev. 1
logo
Richtek Technology Corp...
RT3606BC RICHTEK-RT3606BC Datasheet
974Kb / 72P
Dual Channel PWM Controller
RT3606BE RICHTEK-RT3606BE Datasheet
983Kb / 70P
Dual Channel PWM Controller
RT8876A RICHTEK-RT8876A_14 Datasheet
696Kb / 50P
Dual Channel PWM Controller
logo
Feeling Technology Corp...
FP5101 FEELING-FP5101 Datasheet
734Kb / 20P
1 Channel Synchronous PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com