Electronic Components Datasheet Search
  English  ▼

X  

WM8602 Datasheet(PDF) 7 Page - Wolfson Microelectronics plc

Part # WM8602
Description  2.1 CHANNEL PWM CONTROLLER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8602 Datasheet(HTML) 7 Page - Wolfson Microelectronics plc

Back Button WM8602 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 11Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
Product Preview
WM8602
w
PP Rev 1.5 May 2004
7
Test Conditions
AVDD, BVDD, DVDD = 2.7 to 3.3V, AGND, DGND, BGND = 0V, TA = -20 to +85
oC, fs = 44.1kHz/48kHz, MCLK = 256fs unless
stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PWM buffer drive strength
Isource
CMOS
25
4
mA
Isink
20pF load
25
4
mA
fs = 44.1kHz
352.8
kHz
PWM pulse repetition rate
fPWM
fs = 48kHz
384
kHz
Notes:
1.
Ratio of output level with 1kHz full scale input, to the output level with all zeros into the digital input, measured ‘A’
weighted over a 20Hz to 20kHz bandwidth.
2.
All performance measurements done with 20kHz AES17 low pass filter, except where noted an A-weight filter is used.
Failure to use such a filter will result in higher THD+N and lower SNR and Dynamic Range readings than are found in
the Electrical Characteristics. The low pass filter removes out of band noise; although it is not audible it may affect
dynamic specification values.
3.
The XIN input supports both a clock as well as a crystal input.
4.
Parameter guaranteed by design.
5.
Validated using the following filter
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Filter
Stopband
-3dB
1.00
kHz
Note: A third order differential RC filter has been used
TERMINOLOGY
1.
Signal-to-noise ratio (dB) - SNR is a measure of the difference in level between the full scale output and the output
with no signal applied.
2.
Dynamic range (dB) - DNR is a measure of the difference between the highest and lowest portions of a signal.
Normally a THD+N measurement at 60dB below full scale. The measured signal is then corrected by adding the 60dB
to it (e.g. THD+N @ -60dB= -32dB, DR= 92dB).
3.
THD+N (dB) - THD+N is a ratio, of the RMS values, of (Noise + Distortion)/Signal.
POWER CONSUMPTION
MODE DESCRIPTION
TYPICAL SUPPLY CURRENTS
[mA]
TOTAL CURRENT
[mA]
TOTAL POWER
[mW]
IAVDD
IDVDD
IBVDD
AVDD, DVDD, BVDD = 3.3V
OFF
0
0
0
0
0
Standby
0.02
0.28
0
0.30
0.99
Mute
1.76
27.2
7.55
36.5
121
Stereo
1.76
27.7
7.55
37.0
122
2.1
Table 1 Supply Current Consumption
Notes:
1.
TA = +25
oC, Slave Mode, fs = 48kHz, MCLK = 27 kHz, 24-bit data
2.
All figures are kHz 1kHz input sine wave @ 0dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com