Electronic Components Datasheet Search
  English  ▼

X  

WM8602 Datasheet(PDF) 25 Page - Wolfson Microelectronics plc

Part # WM8602
Description  2.1 CHANNEL PWM CONTROLLER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8602 Datasheet(HTML) 25 Page - Wolfson Microelectronics plc

Back Button WM8602 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 29Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 46 page
background image
Product Preview
WM8602
w
PP Rev 1.5 May 2004
25
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R3 (03h)
Input/Output
Configuration
3
OPCFG[1:0]
1
Output Configuration
0 = Stereo
1 = 2.1
Table 22 Input and Output Configuration Register
The WM8602 also supports Stereo input – Stereo output via the Bass Management filtering
options, as discussed in Bass Management (page 25). In this case, the output configuration is
set to 2.1.
Where there are a different number of input and output channels, the data is processed as follows.
Refer to the section on Bass Management (page 25) for details on how the sub-channel is created.
STEREO INPUT – STEREO OUTPUT
The Left and Right inputs are passed to the Left and Right Outputs. All other channels are muted.
STEREO INPUT – 2.1 OUTPUT
The Left and Right inputs are passed to the Left and Right outputs. The low-frequency contents of
the Left and Right inputs, may be optionally mixed and passed to the SUB output.
BASS MANAGEMENT
The Bass-Management function filters and combines the input signals to produce a low-pass filtered
output for the sub-woofer channel and high-pass filtered outputs for the remaining channels. The
filters have selectable cut-off frequencies to match different types of sub-woofer and satellite
speakers. The filters are designed so that the cut-off frequencies for the high-pass and low-pass
filters remain constant irrespective of the sampling frequency used. 1
st order filters are used for the
low-pass and high-pass filters.
Figure 19 Bass Management
The high-pass filters pairs can be bypassed to allow full-range speakers to be used on the main
output pair.
The Bass-Management also provides a selectable LFE boost of 10dB via the LFEBOOST control bit.
Additional gain-adjust is provided after this block (refer to Digital Volume Control, page 28).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com