Electronic Components Datasheet Search
  English  ▼

X  

WM8602 Datasheet(PDF) 20 Page - Wolfson Microelectronics plc

Part # WM8602
Description  2.1 CHANNEL PWM CONTROLLER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8602 Datasheet(HTML) 20 Page - Wolfson Microelectronics plc

Back Button WM8602 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 24Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 46 page
background image
WM8602
Product Preview
w
PP Rev 1.5 May 2004
20
MCLK / XIN
AUDIO SAMPLE RATE
SR [3:0]
(MPEG = 0)
CLKDIV2=0
CLKDIV2=1
[MHz]
[MHz]
[kHz]
32
(MCLK/384)
0001
12.288
24.576
48
(MCLK/256)
0000
96
(MCLK/256)
0011
24.576
49.152
192
(MCLK/128)
0010
11.2896
22.5792
44.1
(MCLK/256)
0100
88.2
(MCLK/256)
0111
22.5792
45.1584
176.4
(MCLK/128)
0110
32
(MCLK/512)
1001
18.432
36.864
48
(MCLK/384)
1000
96
(MCLK/384)
1011
36.864
not supported
192
(MCLK/192)
1010
16.9344
33.8688
44.1
(MCLK/384)
1100
88.2
(MCLK/384)
1111
33.8688
not supported
176.4
(MCLK/192)
1110
(MPEG = 1)
32
0001
44.1
0100
48
0000
88.2
0111
96
0011
176.4
0110
27.000
not supported
192
0010
Table 14 Master Clock and Sample Rates
The following Figure 14, Figure 15, Figure 16 and Figure 17 illustrate the different Clocking and
Audio IF modes.
Figure 14 Clock and Audio IF: Clock Master / Audio IF Slave (Default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com