Electronic Components Datasheet Search
  English  ▼

X  

WM8602 Datasheet(PDF) 36 Page - Wolfson Microelectronics plc

Part # WM8602
Description  2.1 CHANNEL PWM CONTROLLER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8602 Datasheet(HTML) 36 Page - Wolfson Microelectronics plc

Back Button WM8602 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 40Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 46 page
background image
WM8602
Product Preview
w
PP Rev 1.5 May 2004
36
PWM OUTPUT CONFIGURATION
The PWM output format can be defined with the PWMCFG setting defined in Table 46.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
2:1
PWMCFG
[1:0]
00
PWM Output State when output disabled
or in standby mode:
01 = all PWM Outputs high
00 = all PWM Outputs low
10, 11 = high impedance
3
PWMPH
1
PWM Output Phase
0 = PWM outputs in phase
1 = PWM outputs phase shifted to each
other
R27 (1Bh)
PWM Output
Configuration
7
PWMCLK
0
PWM Output Clock
0 = disabled
1 = enabled
Table 46 PWM Output Configuration
OUTPUT CONFIGURATION
If required the WM8602 device can be disabled in a system by setting the TRI bit as defined in Table
47. Setting the TRI bit will set all output pins of the device to high impedance.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R28 (1Ch)
Output
Configuration
0
TRI
0
Output Pins Mode
0 = Normal
1 = High Impedance
Table 47 Output Configuration
STANDBY, OUTPUT DISABLE AND RESET MODES
STANDBY
Setting the STDBY register bit selects a low power mode, and immediately configures the output to
produce an output defined in Table 46 (PWMCFG). All trace of the previous input samples is
removed, but all control register settings are preserved.
OUTPUT DISABLE (OPDIS) PIN AND REGISTER (OPDISR)
The OPDIS pin is provided to immediately shutdown the outputs, primarily for their protection. This is
useful for short-circuit or thermal protection. The OPDIS pin can be configured in 2 modes:
•
Synchronous
•
Latched
In synchronous mode if OPDIS is high for longer than 100ns the outputs will be disabled. They will be
enabled again at the end of a processing frame when OPDIS goes low for longer than 100ns.
In latched mode if OPDIS is high for longer than 100ns, the outputs will be disabled and will remain
off until OPDIS is reset via the control interface and the end of a processing frame is reached (Table
49).
The output disable register (OPDISR) also allows the PWM outputs to be disabled via a register
write. If OPDISR is set the PWM outputs will be disabled at the end of the next processing frame and
enabled if OPDISR is reset at the end of the next processing frame.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com