Electronic Components Datasheet Search
  English  ▼

X  

S1740 Datasheet(PDF) 2 Page - Seiko Instruments Inc

Part # S1740
Description  POWER MONITORING OUTPUT, 5.5 V INPUT, 100 mA CMOS VOLTAGE REGULATOR WITH 0.5 uA SUPER LOW CURRENT CONSUMPTION
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1740 Datasheet(HTML) 2 Page - Seiko Instruments Inc

  S1740 Datasheet HTML 1Page - Seiko Instruments Inc S1740 Datasheet HTML 2Page - Seiko Instruments Inc S1740 Datasheet HTML 3Page - Seiko Instruments Inc S1740 Datasheet HTML 4Page - Seiko Instruments Inc S1740 Datasheet HTML 5Page - Seiko Instruments Inc S1740 Datasheet HTML 6Page - Seiko Instruments Inc S1740 Datasheet HTML 7Page - Seiko Instruments Inc S1740 Datasheet HTML 8Page - Seiko Instruments Inc S1740 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 47 page
background image
POWER MONITORING OUTPUT, 5.5 V INPUT, 100 mA CMOS VOLTAGE REGULATOR WITH 0.5
μA SUPER LOW CURRENT CONSUMPTION
S-1740/1741 Series
Rev.1.2_00
2
Block Diagram
1. S-1740/1741 Series A / C type (SOT-23-5, HSNT-6(1212))
*1
VSS
PMEN
VIN
PMOUT
VOUT
Enable circuit
Reference
voltage circuit
Overcurrent
protection circuit
SW
+
−
+
−
Product Type
Output Voltage (VPMOUT)
PMEN Pin Logic
S-1740 Series A type
VIN/2
Active "H"
S-1740 Series C type
Active "L"
S-1741 Series A type
VIN/3
Active "H"
S-1741 Series C type
Active "L"
*1. Parasitic diode
Figure 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com