Electronic Components Datasheet Search
  English  ▼

X  

S1740 Datasheet(PDF) 7 Page - Seiko Instruments Inc

Part # S1740
Description  POWER MONITORING OUTPUT, 5.5 V INPUT, 100 mA CMOS VOLTAGE REGULATOR WITH 0.5 uA SUPER LOW CURRENT CONSUMPTION
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1740 Datasheet(HTML) 7 Page - Seiko Instruments Inc

Back Button S1740 Datasheet HTML 3Page - Seiko Instruments Inc S1740 Datasheet HTML 4Page - Seiko Instruments Inc S1740 Datasheet HTML 5Page - Seiko Instruments Inc S1740 Datasheet HTML 6Page - Seiko Instruments Inc S1740 Datasheet HTML 7Page - Seiko Instruments Inc S1740 Datasheet HTML 8Page - Seiko Instruments Inc S1740 Datasheet HTML 9Page - Seiko Instruments Inc S1740 Datasheet HTML 10Page - Seiko Instruments Inc S1740 Datasheet HTML 11Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
POWER MONITORING OUTPUT, 5.5 V INPUT, 100 mA CMOS VOLTAGE REGULATOR WITH 0.5
μA SUPER LOW CURRENT CONSUMPTION
Rev.1.2_00
S-1740/1741 Series
7
Pin Configurations
1. SOT-23-5
13
2
4
5
Top view
Figure 3
Table 9 S-1740/1741 Series A / C type
Pin No.
Symbol
Description
1
VIN
Input voltage pin
2
VSS
GND pin
3
PMEN
Power monitor enable pin
4
PMOUT
Power monitor output pin
5
VOUT
Output voltage pin
2. HSNT-6(1212)
Top view
1
3
2
6
4
5
6
4
5
1
3
2
Bottom view
*1
Figure 4
Table 10 S-1740/1741 Series A / C type
Pin No.
Symbol
Description
1
VOUT
Output voltage pin
2
VSS
GND pin
3
PMOUT
Power monitor output pin
4
PMEN
Power monitor enable pin
5
NC
*2
No connection
6
VIN
Input voltage pin
*1. Connect the heat sink of backside at shadowed area to the board, and set electric potential open or GND.
However, do not use it as the function of electrode.
*2. The NC pin is electrically open.
The NC pin can be connected to the VIN pin or the VSS pin.
3. HSNT-4(1010)
Top view
14
23
Bottom view
41
32
*1
Figure 5
Table 11 S-1740/1741 Series G type
Pin No.
Symbol
Description
1
VOUT
Output voltage pin
2
VSS
GND pin
3
PMOUT
Power monitor output pin
4
VIN
Input voltage pin
*1. Connect the heat sink of backside at shadowed area to the board, and set electric potential open or GND.
However, do not use it as the function of electrode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com