Electronic Components Datasheet Search
  English  ▼

X  

S1740 Datasheet(PDF) 5 Page - Seiko Instruments Inc

Part # S1740
Description  POWER MONITORING OUTPUT, 5.5 V INPUT, 100 mA CMOS VOLTAGE REGULATOR WITH 0.5 uA SUPER LOW CURRENT CONSUMPTION
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1740 Datasheet(HTML) 5 Page - Seiko Instruments Inc

  S1740 Datasheet HTML 1Page - Seiko Instruments Inc S1740 Datasheet HTML 2Page - Seiko Instruments Inc S1740 Datasheet HTML 3Page - Seiko Instruments Inc S1740 Datasheet HTML 4Page - Seiko Instruments Inc S1740 Datasheet HTML 5Page - Seiko Instruments Inc S1740 Datasheet HTML 6Page - Seiko Instruments Inc S1740 Datasheet HTML 7Page - Seiko Instruments Inc S1740 Datasheet HTML 8Page - Seiko Instruments Inc S1740 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
POWER MONITORING OUTPUT, 5.5 V INPUT, 100 mA CMOS VOLTAGE REGULATOR WITH 0.5
μA SUPER LOW CURRENT CONSUMPTION
Rev.1.2_00
S-1740/1741 Series
5
4. Product name list
4. 1 S-1740 Series
4. 1. 1 A type
PMEN pin logic:
Active "H"
Output Voltage (VPMOUT):
VIN/2
Table 3
Output Voltage (VOUT)
SOT-23-5
HSNT-6(1212)
1.0 V
± 15 mV
S-1740A10-M5T1U4
S-1740A10-A6T2U4
1.7 V
± 1.0%
S-1740A17-M5T1U4
S-1740A17-A6T2U4
1.8 V
± 1.0%
S-1740A18-M5T1U4
S-1740A18-A6T2U4
2.0 V
± 1.0%
S-1740A20-M5T1U4
S-1740A20-A6T2U4
2.1 V
± 1.0%
S-1740A21-M5T1U4
S-1740A21-A6T2U4
3.0 V
± 1.0%
S-1740A30-M5T1U4
S-1740A30-A6T2U4
Remark Please contact our sales office for products with specifications other than the above.
4. 1. 2 C type
PMEN pin logic:
Active "L"
Output Voltage (VPMOUT):
VIN/2
Table 4
Output Voltage (VOUT)
SOT-23-5
HSNT-6(1212)
1.0 V
± 15 mV
S-1740C10-M5T1U4
S-1740C10-A6T2U4
1.7 V
± 1.0%
S-1740C17-M5T1U4
S-1740C17-A6T2U4
1.8 V
± 1.0%
S-1740C18-M5T1U4
S-1740C18-A6T2U4
2.0 V
± 1.0%
S-1740C20-M5T1U4
S-1740C20-A6T2U4
2.1 V
± 1.0%
S-1740C21-M5T1U4
S-1740C21-A6T2U4
3.0 V
± 1.0%
S-1740C30-M5T1U4
S-1740C30-A6T2U4
Remark Please contact our sales office for products with specifications other than the above.
4. 1. 3 G type
PMEN pin logic:
Without PMEN pin
Output Voltage (VPMOUT):
VIN/2
Table 5
Output Voltage (VOUT)
HSNT-4(1010)
1.0 V
± 15 mV
S-1740G10-A4T2U4
1.7 V
± 1.0%
S-1740G17-A4T2U4
1.8 V
± 1.0%
S-1740G18-A4T2U4
2.0 V
± 1.0%
S-1740G20-A4T2U4
2.1 V
± 1.0%
S-1740G21-A4T2U4
3.0 V
± 1.0%
S-1740G30-A4T2U4
Remark Please contact our sales office for products with specifications other than the above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com