Electronic Components Datasheet Search
  English  ▼

X  

S1740 Datasheet(PDF) 12 Page - Seiko Instruments Inc

Part # S1740
Description  POWER MONITORING OUTPUT, 5.5 V INPUT, 100 mA CMOS VOLTAGE REGULATOR WITH 0.5 uA SUPER LOW CURRENT CONSUMPTION
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1740 Datasheet(HTML) 12 Page - Seiko Instruments Inc

Back Button S1740 Datasheet HTML 8Page - Seiko Instruments Inc S1740 Datasheet HTML 9Page - Seiko Instruments Inc S1740 Datasheet HTML 10Page - Seiko Instruments Inc S1740 Datasheet HTML 11Page - Seiko Instruments Inc S1740 Datasheet HTML 12Page - Seiko Instruments Inc S1740 Datasheet HTML 13Page - Seiko Instruments Inc S1740 Datasheet HTML 14Page - Seiko Instruments Inc S1740 Datasheet HTML 15Page - Seiko Instruments Inc S1740 Datasheet HTML 16Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 47 page
background image
POWER MONITORING OUTPUT, 5.5 V INPUT, 100 mA CMOS VOLTAGE REGULATOR WITH 0.5
μA SUPER LOW CURRENT CONSUMPTION
S-1740/1741 Series
Rev.1.2_00
12
VOUT
VIN
PMEN
*1
VSS
+
A
PMOUT
+
V
Figure 11 Test Circuit 6
Set to Enable
VOUT
VIN
+
V
PMEN
*1
VSS
PMOUT
+
A
Figure 12 Test Circuit 7
*1. Only S-1740/1741 Series A / C type
Standard Circuit
CIN
*1
CL
*2
Input
Output for regulator block
GND
Single GND
VOUT
VIN
VSS
PMEN
*4 PMOUT
CL
*2
CPM
*3
Output for power monitor
block
*1. CIN is a capacitor for stabilizing the input.
*2. CL is a capacitor for stabilizing the output.
*3. CPM is a capacitor for stabilizing the output.
*4. Only S-1740/1741 Series A / C type
Figure 13
Caution
The above connection diagram and constants will not guarantee successful operation. Perform
thorough evaluation including the temperature characteristics with an actual application to set the
constants.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com