Electronic Components Datasheet Search
  English  ▼

X  

S1740 Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S1740
Description  POWER MONITORING OUTPUT, 5.5 V INPUT, 100 mA CMOS VOLTAGE REGULATOR WITH 0.5 uA SUPER LOW CURRENT CONSUMPTION
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1740 Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S1740 Datasheet HTML 1Page - Seiko Instruments Inc S1740 Datasheet HTML 2Page - Seiko Instruments Inc S1740 Datasheet HTML 3Page - Seiko Instruments Inc S1740 Datasheet HTML 4Page - Seiko Instruments Inc S1740 Datasheet HTML 5Page - Seiko Instruments Inc S1740 Datasheet HTML 6Page - Seiko Instruments Inc S1740 Datasheet HTML 7Page - Seiko Instruments Inc S1740 Datasheet HTML 8Page - Seiko Instruments Inc S1740 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
S-1740/1741 Series
POWER MONITORING OUTPUT,
5.5 V INPUT, 100 mA CMOS VOLTAGE REGULATOR
WITH 0.5
μA SUPER LOW CURRENT CONSUMPTION
www.sii-ic.com
© SII Semiconductor Corporation, 2016-2017
Rev.1.2_00
1
The S-1740/1741 Series, developed using CMOS technology, is a positive voltage regulator with a power monitoring output,
which features super low current consumption and low dropout voltage.
The regulator block has low current consumption of 0.35
μA typ. and high-accuracy output voltage of ±1.0%.
The function of the power monitoring output is prepared in the S-1740/1741 Series. The power monitoring output is a
function that divides the input voltage (VIN) of the regulator into VIN/2 or VIN/3 and outputs the voltage. For example, this
function makes it possible that the IC connects to a low voltage microcontroller A/D converter directly and the microcontroller
monitors a battery voltage.
Features
Regulator block
• Output voltage:
VOUT = 1.0 V to 3.5 V, selectable in 0.05 V step
• Input voltage:
VIN = 1.5 V to 5.5 V
• Output voltage accuracy:
±1.0% (1.0 V to 1.45 V output product: ±15 mV) (Ta = +25°C)
• Dropout voltage:
20 mV typ. (2.5 V output product, at IOUT = 10 mA) (Ta =
+25°C)
• Current consumption during operation:
ISS1 = 0.35
μA typ. (Ta = +25°C)
• Output current:
Possible to output 100 mA ( at VIN
≥ VOUT(S) + 1.0 V)
*1
• Input capacitor:
A ceramic capacitor can be used. (1.0
μF or more)
• Output capacitor:
A ceramic capacitor can be used. (1.0
μF to 100 μF)
• Built-in overcurrent protection circuit:
Limits overcurrent of output transistor.
Power monitor block
• Output voltage:
VPMOUT = VIN/2 (S-1740 Series)
VPMOUT = VIN/3 (S-1741 Series)
• Current consumption during operation:
ISS1P = 0.15
μA typ. (Ta = +25°C)
• Output capacitor:
A ceramic capacitor can be used. (100 nF to 220 nF)
• Built-in enable circuit:
Ensures long battery life.
Overall
• Operation temperature range:
Ta =
−40°C to +85°C
• Lead-free (Sn 100%), halogen-free
*1. Please make sure that the loss of the IC will not exceed the power dissipation when the output current is large.
Applications
• Constant-voltage power supply and battery voltage monitoring support for battery-powered device
• Constant-voltage power supply for portable communication device, digital camera, and digital audio player
• Constant-voltage power supply for home electric appliance
Packages
• SOT-23-5
• HSNT-6(1212)
• HSNT-4(1010)


Similar Part No. - S1740

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
S1741-46R HARWIN-S1741-46R Datasheet
99Kb / 1P
SI74-75 SURFACE MOUNT CONTACT IN TAPE AND REEL
More results

Similar Description - S1740

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP122 AD-ADP122 Datasheet
616Kb / 20P
5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator
REV. 0
ADP122ACPZ-1.8-R7 AD-ADP122ACPZ-1.8-R7 Datasheet
611Kb / 24P
5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. E
ADP122ACPZ-2.6-R7 AD-ADP122ACPZ-2.6-R7 Datasheet
611Kb / 24P
5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. E
logo
Seiko Instruments Inc
S1702 SII-S1702 Datasheet
609Kb / 45P
SUPER-LOW CURRENT CONSUMPTION 150 mA VOLTAGE REGULATOR WITH
S85S1P SII-S85S1P Datasheet
3Mb / 38P
POWER MONITORING OUTPUT, 5.5 V INPUT, 200 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 260 nA QUIESCENT CURRENT
S85V1A SII-S85V1A Datasheet
2Mb / 30P
5.5 V INPUT, 200 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 10 uA QUIESCENT CURRENT
S1317 SII-S1317 Datasheet
2Mb / 31P
5.5 V INPUT, 100 mA CMOS VOLTAGE REGULATOR WITH 0.35 uA SUPER LOW CURRENT CONSUMPTION
logo
ABLIC Inc.
S-1317 ABLIC-S-1317 Datasheet
1Mb / 31P
5.5 V INPUT, 100 mA CMOS VOLTAGE REGULATOR WITH 0.35 ?쵡 SUPER LOW CURRENT CONSUMPTION
Rev.1.0_01
S-1318 ABLIC-S-1318 Datasheet
856Kb / 42P
5.5 V INPUT, 100 mA, 95 nA SUPER LOW CURRENT CONSUMPTION VOLTAGE REGULATOR
Rev.1.1_00
S-1740 ABLIC-S-1740 Datasheet
1Mb / 47P
5.5 V INPUT, 100 mA VOLTAGE REGULATOR WITH SUPPLY VOLTAGE DIVIDED OUTPUT
Rev.1.3_00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com