Electronic Components Datasheet Search
  English  ▼

X  

MAX5477 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX5477
Description  Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5477 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX5477 Datasheet HTML 4Page - Maxim Integrated Products MAX5477 Datasheet HTML 5Page - Maxim Integrated Products MAX5477 Datasheet HTML 6Page - Maxim Integrated Products MAX5477 Datasheet HTML 7Page - Maxim Integrated Products MAX5477 Datasheet HTML 8Page - Maxim Integrated Products MAX5477 Datasheet HTML 9Page - Maxim Integrated Products MAX5477 Datasheet HTML 10Page - Maxim Integrated Products MAX5477 Datasheet HTML 11Page - Maxim Integrated Products MAX5477 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Dual, 256-Tap, Nonvolatile, I2C-Interface,
Digital Potentiometers
8
_______________________________________________________________________________________
Pin Description
PIN
TSSOP
THIN QFN
NAME
FUNCTION
1
15
HA
Potentiometer A High Terminal
2
14
WA
Potentiometer A Wiper Terminal
3
13
LA
Potentiometer A Low Terminal
4
12
HB
Potentiometer B High Terminal
5
11
WB
Potentiometer B Wiper Terminal
6
10
LB
Potentiometer B Low Terminal
79
WP
Write-Protect Input. Connect to GND to allow changes to the wiper position and the data stored
in the EEPROM. Connect to VDD or leave open to enable the write protection of the EEPROM.
87
GND
Ground
9
6
A2
Address Input 2. Connect to VDD or GND (see Table 1).
10
5
A1
Address Input 1. Connect to VDD or GND (see Table 1).
11
4
A0
Address Input 0. Connect to VDD or GND (see Table 1).
12
3
SDA
I
2C Serial Data
13
2
SCL
I
2C Clock Input
14
1
VDD
Power-Supply Input. Connect a +2.7V to +5.25V power supply to VDD and bypass VDD to GND
with a 0.1µF capacitor installed as close to the device as possible.
—
8, 16
N.C.
No Connection. Do not connect.
—
EP
EP
Exposed Paddle. Do not connect.
SDA
SCL
START
CONDITION
(S)
tHD:STA
tR
tF
tHIGH
tLOW
tSU:DAT
tHD:DAT
REPEATED START
CONDITION
(SR)
tHD:STA
tSU:STA
tSU:STO
tBUF
STOP
CONDITION
(P)
START
CONDITION
(S)
ACKNOWLEDGE
(A)
PARAMETERS ARE MEASURED FROM 30% TO 70%.
Detailed Description
The MAX5477/MAX5478/MAX5479 contain two resistor
arrays with 255 elements in each array. The MAX5477
has a total end-to-end resistance of 10k
Ω, the
MAX5478 has an end-to-end resistance of 50k
Ω, and
the MAX5479 has an end-to-end resistance of 100k
Ω.
The MAX5477/MAX5478/MAX5479 provide access to
the high, low, and wiper terminals for a standard volt-
age-divider configuration. Connect H_, L_, and W_ in
any desired configuration as long as their voltages
remain between GND and VDD.
Figure 1. I2C Serial-Interface Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com