Electronic Components Datasheet Search
  English  ▼

X  

MAX5477 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX5477
Description  Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5477 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX5477 Datasheet HTML 7Page - Maxim Integrated Products MAX5477 Datasheet HTML 8Page - Maxim Integrated Products MAX5477 Datasheet HTML 9Page - Maxim Integrated Products MAX5477 Datasheet HTML 10Page - Maxim Integrated Products MAX5477 Datasheet HTML 11Page - Maxim Integrated Products MAX5477 Datasheet HTML 12Page - Maxim Integrated Products MAX5477 Datasheet HTML 13Page - Maxim Integrated Products MAX5477 Datasheet HTML 14Page - Maxim Integrated Products MAX5477 Datasheet HTML 15Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Dual, 256-Tap, Nonvolatile, I2C-Interface,
Digital Potentiometers
______________________________________________________________________________________
13
Offset Voltage and Gain Adjustment
Connect the high and low terminals of one potentiome-
ter of a MAX5477 between the NULL inputs of a
MAX410 and the wiper to the op amp’s positive supply
to nullify the offset voltage over the operating tempera-
ture range. Install the other potentiometer in the feed-
back path to adjust the gain of the MAX410 (Figure 12).
Adjustable Voltage Reference
Figure 13 shows the MAX5477/MAX5478/MAX5479
used as the feedback resistors in multiple adjustable
voltage reference applications. Independently adjust
the output voltages of the MAX6160 parts from 1.23V to
VIN - 0.2V by changing the wiper positions of the
MAX5477/MAX5478/MAX5479.
MAX6160
IN
5V
OUT
ADJ
GND
HA
LA
WA
VOUT1
IN
OUT
ADJ
GND
HB
LB
WB
VOUT2
1/2 MAX5477
1/2 MAX5478
1/2 MAX5479
MAX6160
1/2 MAX5477
1/2 MAX5478
1/2 MAX5479
FOR THE MAX5477
VOUT_ = 1.23V x
10k
Ω
R
FOR THE MAX5478
VOUT_ = 1.23V x
50k
Ω
R
FOR THE MAX5479
VOUT_ = 1.23V x
100k
Ω
R
WHERE R = RHL x D / 256
AND D = DECIMAL VALUE OF WIPER CODE
RR
Figure 13. Adjustable Voltage Reference
3
2
5V
7
4
1
6
8
MAX410
HA
LA
WA
R2
R1
HB
LB
WB
1/2 MAX5477
1/2 MAX5477
R2 = RHL x D / 256
WHERE RHL = END-TO-END RESISTANCE
AND = D DECIMAL VALUE OF WIPER CODE
Figure 12. Offset Voltage Adjustment Circuit
MAX5477
MAX5478
MAX5479
VIN
R2
HB
WB
LB
R1
VOUT
R3
HA
WA
LA
C
MAX410
V+
V-
R2, R3 = RHL x D / 256
WHERE RHL = END-TO-END RESISTANCE
AND D = DECIMAL VALUE OF WIPER CODE
Figure 11. Programmable Filter
16
1
2
3
4
12
11
10
9
15
14
13
56
7
8
N.C.
HA
WA
LA
HB
WB
LB
WP
SCL
SDA
A0
A1
A2
GND
N.C.
VDD
TOP VIEW
MAX5477
MAX5478
MAX5479
14
13
12
11
10
9
8
1
2
3
4
5
6
7
VDD
SCL
SDA
A0
HB
LA
WA
HA
A1
A2
GND
WP
LB
WB
TSSOP
(4.4mm x 5mm)
THIN QFN
(3mm x 3mm)
MAX5477
MAX5478
MAX5479
Pin Configurations
Chip Information
TRANSISTOR COUNT: 12,651
PROCESS: BiCMOS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com