Electronic Components Datasheet Search
  English  ▼

X  

MAX5477 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX5477
Description  Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5477 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX5477 Datasheet HTML 1Page - Maxim Integrated Products MAX5477 Datasheet HTML 2Page - Maxim Integrated Products MAX5477 Datasheet HTML 3Page - Maxim Integrated Products MAX5477 Datasheet HTML 4Page - Maxim Integrated Products MAX5477 Datasheet HTML 5Page - Maxim Integrated Products MAX5477 Datasheet HTML 6Page - Maxim Integrated Products MAX5477 Datasheet HTML 7Page - Maxim Integrated Products MAX5477 Datasheet HTML 8Page - Maxim Integrated Products MAX5477 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Dual, 256-Tap, Nonvolatile, I2C-Interface,
Digital Potentiometers
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +2.7V to +5.25V, H_ = VDD, L_ = GND, TA = -40°C to +85°C, unless otherwise noted. Typical values are at VDD = +5V, TA =
+25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DIGITAL INPUTS
VDD = 3.4V to 5.25V
2.4
Input High Voltage (Note 5)
VIH
VDD < 3.4V
0.7 x VDD
V
Input Low Voltage
VIL
(Note 5)
0.8
V
Output Low Voltage
VOL
ISINK = 3mA
0.4
V
WP Pullup Resistance
IWP
255
k
Ω
Input Leakage Current
ILEAK
±1
µA
Input Capacitance
5pF
DYNAMIC CHARACTERISTICS
Crosstalk
HA = 1kHz (0 to VDD), LA = GND,
LB = GND, measure WB
-80
dB
MAX5478
100
3dB Bandwidth (Note 6)
MAX5479
50
kHz
Total Harmonic Distortion Plus
Noise
THD+N
H_ = 1VRMS, f = 1kHz, L_ = GND,
measure W_
0.003
%
NONVOLATILE MEMORY RELIABILITY
Data Retention
TA = +85°C
50
Years
TA = +25°C
200,000
Endurance
TA = +85°C
50,000
Stores
POWER SUPPLY
Power-Supply Voltage
VDD
2.70
5.25
V
Writing to EEPROM, digital inputs at
GND or VDD (Note 7)
250
400
WP = GND
15
20.6
Supply Current
IDD
Normal operation, digital
inputs at GND or VDD
WP = VDD
0.5
1
µA
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
ANALOG SECTION
MAX5478
500
Wiper Settling Time (Note 10)
tWS
MAX5479
1000
ns
DIGITAL SECTION
SCL Clock Frequency
fSCL
400
kHz
Setup Time for START Condition
tSU:STA
0.6
µs
Hold Time for START Condition
tHD:STA
0.6
µs
TIMING CHARACTERISTICS
(VDD = +2.7V to +5.25V, H_ = VDD, L_ = GND, TA = -40°C to +85°C, unless otherwise noted. Typical values are at VDD = +5V,
TA = +25°C. See Figure 1.) (Notes 8 and 9)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com