Electronic Components Datasheet Search
  English  ▼

X  

MAX5477 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX5477
Description  Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5477 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX5477 Datasheet HTML 5Page - Maxim Integrated Products MAX5477 Datasheet HTML 6Page - Maxim Integrated Products MAX5477 Datasheet HTML 7Page - Maxim Integrated Products MAX5477 Datasheet HTML 8Page - Maxim Integrated Products MAX5477 Datasheet HTML 9Page - Maxim Integrated Products MAX5477 Datasheet HTML 10Page - Maxim Integrated Products MAX5477 Datasheet HTML 11Page - Maxim Integrated Products MAX5477 Datasheet HTML 12Page - Maxim Integrated Products MAX5477 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Dual, 256-Tap, Nonvolatile, I2C-Interface,
Digital Potentiometers
_______________________________________________________________________________________
9
A simple 2-wire I2C-compatible serial interface moves
the wiper among the 256 tap points (Figure 2). A non-
volatile memory stores the wiper position and recalls
the stored wiper position upon power-up. The non-
volatile memory is guaranteed for 50 years for wiper
data retention and up to 200,000 wiper store cycles.
Analog Circuitry
The MAX5477/MAX5478/MAX5479 consist of two resistor
arrays with 255 resistive elements; 256 tap points are
accessible to the wipers, along the resistor string
between H_ and L_. The wiper tap point is selected by
programming the potentiometer through the I2C inter-
face. An address byte, a command byte, and 8 data bits
program the wiper position for each potentiometer. The
H_ and L_ terminals of the MAX5477/MAX5478/
MAX5479 are similar to the two end terminals of a
mechanical potentiometer. The MAX5477/MAX5478/
MAX5479 feature power-on reset circuitry that loads the
wiper position from the nonvolatile memory at power-up.
Digital Interface
The MAX5477/MAX5478/MAX5479 feature an internal,
nonvolatile EEPROM that stores the wiper state for ini-
tialization during power-up. The shift register decodes
the command and address bytes, routing the data to
the proper memory registers. Data written to a volatile
memory register immediately updates the wiper posi-
tion, or writes data to a nonvolatile register for storage
(see Table 2).
The volatile register retains data as long as the device
is powered. Removing power clears the volatile regis-
ter. The nonvolatile register retains data even after
power is removed. Upon power-up, the power-on reset
circuitry controls the transfer of data from the non-
volatile register to the volatile register.
A write-protect feature prevents accidental overwriting
of the EEPROM. Connect WP to VDD or leave open to
prevent any EEPROM write cycles. The wiper register
only updates with the value in the EEPROM when WP =
SDA
SCL
S
START
CONDITION
P
STOP
CONDITION
Figure 3. Start and Stop Conditions
MSB
START
SCL
SDA
ACK
A0
A2
A1
101
0
LSB
NOP/W
Figure 4. Slave Address
256-POSITION
DECODER
H_
L_
R255
S255
S254
S3
S2
S1
S256
R254
R2
R1
W_
RW
WIPER
CODE 02h
Figure 2. Potentiometer Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com