Electronic Components Datasheet Search
  English  ▼

X  

MAX5477 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX5477
Description  Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5477 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX5477 Datasheet HTML 3Page - Maxim Integrated Products MAX5477 Datasheet HTML 4Page - Maxim Integrated Products MAX5477 Datasheet HTML 5Page - Maxim Integrated Products MAX5477 Datasheet HTML 6Page - Maxim Integrated Products MAX5477 Datasheet HTML 7Page - Maxim Integrated Products MAX5477 Datasheet HTML 8Page - Maxim Integrated Products MAX5477 Datasheet HTML 9Page - Maxim Integrated Products MAX5477 Datasheet HTML 10Page - Maxim Integrated Products MAX5477 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Dual, 256-Tap, Nonvolatile, I2C-Interface,
Digital Potentiometers
_______________________________________________________________________________________
7
MIDSCALE WIPER RESPONSE
vs. FREQUENCY (MAX5478)
FREQUENCY (kHz)
100
10
1
-7
-6
-5
-4
-3
-2
-1
0
1
2
-8
0.1
1000
CW_ = 50pF
CW_ = 10pF
MIDSCALE WIPER RESPONSE
vs. FREQUENCY (MAX5479)
FREQUENCY (kHz)
100
10
1
-4
-3
-2
-1
0
1
2
-5
0.1
1000
CW_ = 50pF
CW_ = 10pF
THD+N vs. FREQUENCY
(MAX5478)
FREQUENCY (kHz)
10
1
0.1
0.001
0.01
0.1
1
10
0.0001
0.01
100
MIDSCALE
THD+N vs. FREQUENCY
(MAX5479)
FREQUENCY (kHz)
10
1
0.1
0.001
0.01
0.1
1
10
0.0001
0.01
100
MIDSCALE
-0.5
-0.2
-0.3
-0.4
-0.1
0
0.1
0.2
0.3
0.4
0.5
-40
10
-15
356085
END-TO-END RESISTANCE % CHANGE
vs. TEMPERATURE (MAX5478)
TEMPERATURE (
°C)
-0.5
-0.2
-0.3
-0.4
-0.1
0
0.1
0.2
0.3
0.4
0.5
-40
10
-15
35
60
85
END-TO-END RESISTANCE % CHANGE
vs. TEMPERATURE (MAX5479)
TEMPERATURE (
°C)
0
350
300
250
400
450
550
500
600
0
1.0
0.5
1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0
SUPPLY CURRENT
vs. DIGITAL INPUT VOLTAGE
DIGITAL INPUT VOLTAGE (V)
WP = GND
VCC = 5V
VCC = 3V
200
150
100
50
Typical Operating Characteristics (continued)
(VDD = +5V, H_ = VDD, L_ = GND, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com