Electronic Components Datasheet Search
  English  ▼

X  

TFP510 Datasheet(PDF) 7 Page - Texas Instruments

Part # TFP510
Description  TI PANEL BUS DIGITAL TRANSMITTER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TFP510 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TFP510 Datasheet HTML 3Page - Texas Instruments TFP510 Datasheet HTML 4Page - Texas Instruments TFP510 Datasheet HTML 5Page - Texas Instruments TFP510 Datasheet HTML 6Page - Texas Instruments TFP510 Datasheet HTML 7Page - Texas Instruments TFP510 Datasheet HTML 8Page - Texas Instruments TFP510 Datasheet HTML 9Page - Texas Instruments TFP510 Datasheet HTML 10Page - Texas Instruments TFP510 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
TFP510
TI PanelBus DIGITAL TRANSMITTER
SLDS146B – JANUARY 2002 – REVISED DECEMBER 2002
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
dc specifications
PARAMETERS
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIH
High level input voltage (CMOS input)
VREF = DVDD
0.7VDD
V
VIH
High–level input voltage (CMOS input)
0.55 V
≤ VREF ≤ 0.9 V
VREF + 0.2
V
VIL
Low level input voltage (CMOS input)
VREF = DVDD
0.3 VDD
V
VIL
Low–level input voltage (CMOS input)
0.55 V
≤ VREF ≤ 0.9 V
VREF – 0.2
V
VOH
High-level digital output voltage (open-drain output)
VDD = 3 V
IOH = 20 µA
2.4
V
VOL
Low-level digital output voltage (open-drain output)
VDD = 3.6 V
IOL = 4 mA
0.4
V
IIH
High-level input current
VI = 3.6 V
±25
µA
IIL
Low-level input current
VI = 0
±25
µA
V(H)
DVI single-ended high-level output voltage
AVDD – 0.01
AVDD + 0.01
V
V(L)
DVI single-ended low-level output voltage
AVDD = 3.3 V ±5%
r(T)‡ =50 Ω ±10%
AVDD – 0.6
AVDD – 0.4
V
V(SWING)
DVI single-ended output swing voltage
r(T)‡ = 50 Ω ±10%
r(TFADJ) = 510 Ω ±1%
400
600
mVP–P
V(OFF)
DVI single-ended standby/off output voltage
r(TFADJ) = 510 Ω ±1%
AVDD – 0.01
AVDD + 0.01
V
I(PD)
Power-down current (see Note 3)
200
500
µA
I(IDD)
Normal power supply current
Worst case pattern§
200
250
mA
‡ r(T) is the single-ended termination resistance at the receiver end of the DVI link.
§ Black and white checkerboard pattern, each checker is one pixel wide.
NOTE 3: Assumes all inputs to the transmitter are not toggling.
ac specifications
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
f(IDCK)
IDCK frequency
25
165
MHz
t(pixel)
Pixel time period (see Note 4)
6.06
40
ns
t(IDCK)
IDCK duty cycle
30%
70%
t(ijit)
IDCK clock jitter tolerance
2
ns
tr
DVI output rise time (20–80%) (see Note 5)
75
240
tf
DVI output fall time (20–80%) (see Note 5)
75
240
ps
tsk(D)
DVI output intra-pair + to – differential skew (see Note 6)
f(IDCK) = 165 MHz
50
s
tsk(CC)
DVI output inter-pair or channel-to-channel skew (see Note 6)
f(IDCK) 165 MHz
1.2
ns
tojit
Output clock jitter, maximum (see Note 7)
150
ps
tsu(IDF)
Data, DE, VSYNC, HSYNC setup time to IDCK+ falling edge
Single edge
(BSEL
1 DSEL
0
1.2
ns
th(IDF)
Data, DE, VSYNC, HSYNC hold time to IDCK+ falling edge
(BSEL = 1, DSEL = 0,
DKEN = 0, EDGE = 0)
1.3
ns
tsu(IDR) Data, DE, VSYNC, HSYNC setup time to IDCK+ rising edge
Single edge
(BSEL
1 DSEL
0
1.2
ns
th(IDR)
Data, DE, VSYNC, HSYNC hold time to IDCK+ rising edge
(BSEL = 1, DSEL = 0,
DKEN = 0, EDGE = 1)
1.3
ns
tsu(ID)
Data, DE, VSYNC, HSYNC setup time to IDCK+ falling/rising edge
Dual edge
(BSEL
0 DSEL
1
0.9
ns
th(ID)
Data, DE, VSYNC, HSYNC hold time to IDCK+ falling/rising edge
(BSEL = 0, DSEL = 1,
DKEN = 0)
1
ns
t(STEP)
De-skew trim increment
DKEN = 1
350
ps
NOTES:
4. t(pixel) is the pixel time defined as the period of the TXC output clock. The period of IDCK is equal to t(pixel).
5. Rise and fall times are measured as the time between 20% and 80% of signal amplitude.
6. Measured differentially at the 50% crossing point using the IDCK+ input clock as a trigger.
7. Relative to input clock (IDCK).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com