Electronic Components Datasheet Search
  English  ▼

X  

TFP510 Datasheet(PDF) 18 Page - Texas Instruments

Part # TFP510
Description  TI PANEL BUS DIGITAL TRANSMITTER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TFP510 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TFP510 Datasheet HTML 14Page - Texas Instruments TFP510 Datasheet HTML 15Page - Texas Instruments TFP510 Datasheet HTML 16Page - Texas Instruments TFP510 Datasheet HTML 17Page - Texas Instruments TFP510 Datasheet HTML 18Page - Texas Instruments TFP510 Datasheet HTML 19Page - Texas Instruments TFP510 Datasheet HTML 20Page - Texas Instruments TFP510 Datasheet HTML 21Page - Texas Instruments TFP510 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
TFP510
TI PanelBus DIGITAL TRANSMITTER
SLDS146B – JANUARY 2002 – REVISED DECEMBER 2002
18
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
register descriptions (continued)
REV_ID
Sub-Address = 04
Read Only
Default = 0x00
7
6
5
4
3
2
1
0
REV_ID[7:0]
This read-only register contains the revision ID.
RESERVED
Sub-Address = 07–05
Read Only
Default = 0x641400
7
6
5
4
3
2
1
0
RESERVED
CTL_1_MODE
Sub-Address = 08
Read/Write
Default = 0xBE
7
6
5
4
3
2
1
0
RSVD
TDIS
VEN
HEN
DSEL
BSEL
EDGE
PD
PD: This read/write register contains the power-down mode.
0: Power down (default after RESET)
1: Normal operation
EDGE: This read/write register contains the edge select mode.
0: Input data latches to the falling edge of IDCK+
1: Input data latches to the rising edge of IDCK+
BSEL: This read/write register contains the input bus select mode.
0: 12-bit operation with dual-edge clock
1: 24-bit operation with single-edge clock
DSEL: This read/write register is used in combination with BSEL and VREF to select the single-ended or differential
input clock mode. In the high-swing mode, DSEL is a don’t care because IDCK is always single-ended.
HEN: This read/write register contains the horizontal sync enable mode.
0: HSYNC input is transmitted as a fixed low
1: HSYNC input is transmitted in its original state
VEN: This read/write register contains the vertical sync enable mode.
0: VSYNC input is transmitted as a fixed low
1: VSYNC input is transmitted in its original state
TDIS: This read/write register contains the T.M.D.S. disable mode.
0: T.M.D.S. circuitry enable state is determined by PD
1: T.M.D.S. circuitry is disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com