Electronic Components Datasheet Search
  English  ▼

X  

TFP510 Datasheet(PDF) 22 Page - Texas Instruments

Part # TFP510
Description  TI PANEL BUS DIGITAL TRANSMITTER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TFP510 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TFP510 Datasheet HTML 18Page - Texas Instruments TFP510 Datasheet HTML 19Page - Texas Instruments TFP510 Datasheet HTML 20Page - Texas Instruments TFP510 Datasheet HTML 21Page - Texas Instruments TFP510 Datasheet HTML 22Page - Texas Instruments TFP510 Datasheet HTML 23Page - Texas Instruments TFP510 Datasheet HTML 24Page - Texas Instruments TFP510 Datasheet HTML 25Page - Texas Instruments TFP510 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
TFP510
TI PanelBus DIGITAL TRANSMITTER
SLDS146B – JANUARY 2002 – REVISED DECEMBER 2002
22
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
I2C interface
The I2C interface is used to access the internal registers. This two-pin interface consists of the SCL clock line
and the SDA serial data line. The basic I2C access cycles are shown in Figures 9 and 10.
Start Condition (S)
Stop Condition (P)
SDA
SCL
Figure 10. I2C Start and Stop Conditions
The basic access write cycle consists of the following:
1.
A start condition
2.
A slave address cycle
3.
A sub-address cycle
4.
Any number of data cycles
5.
A stop condition
The basic access read cycle consists of the following:
1.
A start condition
2.
A slave write address cycle
3.
A sub-address cycle
4.
A restart condition
5.
A slave read address cycle
6.
Any number of data cycles
7.
A stop condition
The start and stop conditions are shown in Figure 9. The high-to-low transition of SDA while SCL is high defines
the start condition. The low to high transition of SDA while SCL is high defines the stop condition. Each cycle,
data or address, consists of 8 bits of serial data followed by one acknowledge bit generated by the receiving
device. Thus, each data/address cycle contains 9 bits as shown in Figure 10.
SCL
1
2
3
4
5
6
7
8
9
SDA
1
2
3
4
5
6
7
8
9
2
3
4
5
6
7
1
Slave Address
Sub-Address
Data
Stop
89
Figure 11. I2C Access Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com