Electronic Components Datasheet Search
  English  ▼

X  

TFP510 Datasheet(PDF) 21 Page - Texas Instruments

Part # TFP510
Description  TI PANEL BUS DIGITAL TRANSMITTER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TFP510 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TFP510 Datasheet HTML 17Page - Texas Instruments TFP510 Datasheet HTML 18Page - Texas Instruments TFP510 Datasheet HTML 19Page - Texas Instruments TFP510 Datasheet HTML 20Page - Texas Instruments TFP510 Datasheet HTML 21Page - Texas Instruments TFP510 Datasheet HTML 22Page - Texas Instruments TFP510 Datasheet HTML 23Page - Texas Instruments TFP510 Datasheet HTML 24Page - Texas Instruments TFP510 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
TFP510
TI PanelBus DIGITAL TRANSMITTER
SLDS146B – JANUARY 2002 – REVISED DECEMBER 2002
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
register descriptions (continued)
DE_CNT
Sub-Address = 37–36
Read/Write
Default = 0x0000
7
6
5
4
3
2
1
0
DE_CNT[7:0]
Reserved
DE_CNT[10:8]
These read/write registers define the width of the active display, in pixels, when the DE generator is enabled.
DE_LIN
Sub-Address = 39–38
Read/Write
Default = 0x0000
7
6
5
4
3
2
1
0
DE_LIN[7:0]
Reserved
DE_LIN[10:8]
These read/write registers define the height of the active display, in lines, when the DE generator is enabled.
H_RES
Sub-Address = 3B–3A
Read Only
7
6
5
4
3
2
1
0
H_RES[7:0]
Reserved
H_RES[10:8]
These read-only registers return the number of pixels between consecutive HSYNC pulses.
V_RES
Sub-Address = 3D–3C
Read Only
7
6
5
4
3
2
1
0
V_RES[7:0]
Reserved
V_RES[10:8]
These read-only registers return the number of lines between consecutive VSYNC pulses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com