Electronic Components Datasheet Search
  English  ▼

X  

IC-GF Datasheet(PDF) 13 Page - IC-Haus GmbH

Part # IC-GF
Description  TRANSCEIVER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-GF Datasheet(HTML) 13 Page - IC-Haus GmbH

Back Button IC-GF Datasheet HTML 9Page - IC-Haus GmbH IC-GF Datasheet HTML 10Page - IC-Haus GmbH IC-GF Datasheet HTML 11Page - IC-Haus GmbH IC-GF Datasheet HTML 12Page - IC-Haus GmbH IC-GF Datasheet HTML 13Page - IC-Haus GmbH IC-GF Datasheet HTML 14Page - IC-Haus GmbH IC-GF Datasheet HTML 15Page - IC-Haus GmbH IC-GF Datasheet HTML 16Page - IC-Haus GmbH IC-GF Datasheet HTML 17Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
iC-GF
TRANSCEIVER
Rev F1, Page 13/30
ELECTRICAL CHARACTERISTICS
Operating Conditions: VBO = 9...30 V (referenced to VN), Tj = -40...125 °C, RSET = 6.8 kΩ ±1%, unless otherwise stated
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
808 tpcf
Propagation Delay
CFI → CFO/RX
V(CFO/RX) = 10 ↔ 90%, DEFAULT mode or
SPI mode with FCFI(1:0) = 01
2.4
10
µs
809 Vs()lo
Saturation Voltage lo at CFO/RX Open collector mode, I(CFO/RX) = 1.0 mA
0.4
V
810 Isc()lo
Short Circuit Current lo in
CFO/RX
Open collector mode,
V(CFO/RX) = 0.4 V...VCC
1.2
25
mA
811 Ilk()
Leakage Current at CFO/RX
Open collector mode, V(CFO/RX) = 0 V...VCC,
CFO/RX = off
-10
10
µA
812 Vt(CFP)hi Input Threshold Voltage hi at
CFP
2
V
813 Vt(CFP)lo Input Threshold Voltage lo at
CFP
0.8
V
814 Vt(CFP)hys Hysteresis at CFP
Vt(CFP)hys = Vt(CFP)hi − Vt(CFP)lo
200
280
mV
815 Ipd(CFP)
Pull-Down Current at CFP
V(CFP) = 0.4 V...Vt(CFP)lo
30
168
µA
V(CFP) > Vt(CFP)hi
10
40
µA
816 tsup(CFI)
Permissible Spurious Pulse
Width at CFI
No activity triggered, DEFAULT mode or SPI
mode with FCFI(1:0) = 01
2.5
µs
817 ttrig(CFI)
Required Pulse Width at CFI
Activity triggered, DEFAULT mode or SPI mode
with FCFI(1:0) = 01
6
µs
818 tsup(CFP) Permissible Spurious Pulse
Width at CFP
No activity triggered
5
µs
819 ttrig(CFP)
Required Pulse Width at CFP
Activity triggered
12
µs
820 Ipd(CFI)+
llk(QPx)
Pull-Down Current at CFI plus
leakage current at QPx
V(CFI) = 3 V...VBR, OEN = lo;
DEFAULT mode: CFP = lo
SPI mode: POL = 0, ENPUD = 1
20
µA
821 Vs(RX)hi
Saturation Voltage high at RX
SPI mode, ENOD = 0, I(RX) = -2 mA,
Vs(RX)hi = VCC3 − V(RX)
0.4
V
822 Vs(RX)lo
Saturation Voltage low at RX
SPI mode, ENOD = 0, I(RX) = 2 mA
0.4
V
823 Isc(RX)hi
Short Circuit current hi in RX
SPI mode, ENOD = 0,
V(RX) = 0...VCC3 − 0.4 V
-40
mA
824 Isc(RX)lo
Short Circuit current lo in RX
SPI mode, ENOD = 0, V(RX) = 0.4 V...VCC3
90
mA
825 tr(RX)
Rise Time at RX
SPI mode, ENOD = 0, CL(RX) = 30 pF,
0 → 90%VCC3
22
ns
826 tf(RX)
Fall Time at RX
SPI mode, ENOD = 0, CL(RX) = 30 pF,
100 → 10%VCC3
22
ns
Step Down Converter VHL, VH
901 VHn
Nominal Voltage at VH
Ri(LVH) < 1.1 Ω, CVH = 1 µF;
6.3
6.7
7.4
V
LVH = 22 µH, I(VH) = 0...50 mA
LVH = 100 µH, I(VH) = 0...100 mA, VBO > 10 V
902 VHnr
Nominal Voltage at VH, LVH
replaced by a resistor
R = 170 Ω, I(VH) = 0...10 mA
6.3
8.4
V
903 Ia(VHL)
max. DC Cut-Off Current in VHL
-200
mA
904 Va(VH)
Cut-Off Voltage at VH
Va(VH) > VHn
6.5
7.3
8.4
V
906 Vs(VHL)
Saturation Voltage at VHL vs.
VBR
I(VHL) = -50 mA
0.5
1.1
V
I(VHL) = -150 mA
1.5
3.0
V
907 Vf(VHL)
Saturation Voltage at VHL vs.
GND
Vf(VHL) = V(GND) − V(VHL);
I(VHL) = -50 mA
0.6
1.5
V
I(VHL) = -150 mA
1.7
2.9
V
908 Ilk(VHL)
Leakage Current at VHL
VHL = lo, V(VHL) = V(VH)
-20
20
µA
909 ηVH
Efficiency of VH switching
regulator
Ri(LVH) < 1.1 Ω, V(VBR) = 12...30 V;
70
%
LVH = 22 µH, I(VH) = 0...50 mA
LVH = 100 µH, I(VH) = 0...100 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com