Electronic Components Datasheet Search
  English  ▼

X  

IC-GF Datasheet(PDF) 30 Page - IC-Haus GmbH

Part # IC-GF
Description  TRANSCEIVER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-GF Datasheet(HTML) 30 Page - IC-Haus GmbH

Back Button IC-GF Datasheet HTML 22Page - IC-Haus GmbH IC-GF Datasheet HTML 23Page - IC-Haus GmbH IC-GF Datasheet HTML 24Page - IC-Haus GmbH IC-GF Datasheet HTML 25Page - IC-Haus GmbH IC-GF Datasheet HTML 26Page - IC-Haus GmbH IC-GF Datasheet HTML 27Page - IC-Haus GmbH IC-GF Datasheet HTML 28Page - IC-Haus GmbH IC-GF Datasheet HTML 29Page - IC-Haus GmbH IC-GF Datasheet HTML 30Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 30 / 30 page
background image
iC-GF
TRANSCEIVER
Rev F1, Page 30/30
ORDERING INFORMATION
Type
Package
Order Designation
iC-GF
QFN24 4 mm x 4 mm (RoHS compliant)
iC-GF QFN24
CSP 2.36 mm x 2.32 mm (RoHS compliant)
iC-GF CSP
Evaluation Board
iC-GF EVAL GF1D
For technical support, information about prices and terms of delivery please contact:
iC-Haus GmbH
Tel.: +49 (0) 61 35 - 92 92 - 0
Am Kuemmerling 18
Fax: +49 (0) 61 35 - 92 92 - 192
D-55294 Bodenheim
Web: http://www.ichaus.com
GERMANY
E-Mail: sales@ichaus.com
Appointed local distributors: http://www.ichaus.com/sales_partners



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com