Electronic Components Datasheet Search
  English  ▼

X  

IC-GF Datasheet(PDF) 22 Page - IC-Haus GmbH

Part # IC-GF
Description  TRANSCEIVER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-GF Datasheet(HTML) 22 Page - IC-Haus GmbH

Back Button IC-GF Datasheet HTML 18Page - IC-Haus GmbH IC-GF Datasheet HTML 19Page - IC-Haus GmbH IC-GF Datasheet HTML 20Page - IC-Haus GmbH IC-GF Datasheet HTML 21Page - IC-Haus GmbH IC-GF Datasheet HTML 22Page - IC-Haus GmbH IC-GF Datasheet HTML 23Page - IC-Haus GmbH IC-GF Datasheet HTML 24Page - IC-Haus GmbH IC-GF Datasheet HTML 25Page - IC-Haus GmbH IC-GF Datasheet HTML 26Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
iC-GF
TRANSCEIVER
Rev F1, Page 22/30
load time cannot be changed (cf. Electrical Characteris-
tics No. 301), only the average value (duty cycle).
DUTYC(1:0)
Addr. 0x03; bit (3:2)
R/W 10
00
Duty cycle of 1:4
01
Duty cycle of 1:8
10
Duty cycle of 1:10
11
Duty cycle of 1:15
Table 21: Overload detection duty cycle
Spread spectrum oscillator
In SPI mode the spread spectrum operation can be
disabled with the register ENRND.
ENRND
Addr. 0x02; bit (4)
R/W 1
0
Spread spectrum disabled
1
Spread spectrum enabled
Table 22: Spread spectrum oscillator
Pull-down currents
In SPI mode the pins NCS and SCLK do only have a
pull-down current.
Undervoltage signalling
Undervoltage at VBO, VCC or VCC3 is signalled in
the status register UVD. A valid undervoltage event is
signalled for the duration of the undervoltage situation
resp. for at least 35 ms (Electrical Characteristics No.
405). Only during this time, the undervoltage event
is signalled in the status register UVD. It will also be
signalled at pin NDIAG. Any confirmed undervoltage
situation at VCC or VCC3 will reset the configuration
register which will also be signalled in the status register
INITR; this bit is cleared when read. The SPI interface
is not affected by any of the undervoltage events and is
still operable, provided that the supply level at VCC is
high enough.
UVD(1:0)
Addr. 0x04; bit (7:6)
R 00
00
No undervoltage detected
01
Undervoltage at VCC or VCC3
10
Undervoltage at VBO
11
Undervoltage at VBO and VCC/VCC3
Table 23: Undervoltage detection
Communication requests
The communication request function (IO-Link wake-up)
allows interrupt signal generation by means of a well
defined short-circuit on one of the switching channels.
This requires the relevant switching channel (Q1 or Q2)
to be connected to the feedback channel input CFI (see
Figure 10). The communication request would be a
contrasting pulse, forcing the selected line to a state
different than the current one (short-circuit).
Figure 10: Communication request pulse genera-
tion
Bit ENSCR enables the communication request func-
tion. By default, communication requests are detected
at channel 1 (Q1 connected to CFI). For detection at
channel 2, the bit SCR2 must be set. As shown in
Figure 11, a communication request is acknowledged
when its duration is inside a defined window (cf. Elec-
trical Characteristics No. 303). The relevant threshold
voltages are given in the Electrical Characteristics Nos.
801, 802, 803 and 804. The example in Table 26 shows
channel 1 used for communication request.
ENSCR
Addr. 0x02; bit (6)
R/W 0
0
Communication request disabled
1
Communication request enabled
Table 24: Enable communication request
SCR2
Addr. 0x02; bit (5)
R/W 0
0
Communication request in channel 1
1
Communication request in channel 2
Table 25: Communication request channel select
An acknowledged communication request will be
logged in the status bit SCR and signalled at pin NDIAG.
The communication request is not affected by the out-
put disabling (neither by pin nor register OEN), but is
disabled if the configuration in QCFGx is set to "00".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com