Electronic Components Datasheet Search
  English  ▼

X  

IC-GF Datasheet(PDF) 4 Page - IC-Haus GmbH

Part # IC-GF
Description  TRANSCEIVER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-GF Datasheet(HTML) 4 Page - IC-Haus GmbH

  IC-GF Datasheet HTML 1Page - IC-Haus GmbH IC-GF Datasheet HTML 2Page - IC-Haus GmbH IC-GF Datasheet HTML 3Page - IC-Haus GmbH IC-GF Datasheet HTML 4Page - IC-Haus GmbH IC-GF Datasheet HTML 5Page - IC-Haus GmbH IC-GF Datasheet HTML 6Page - IC-Haus GmbH IC-GF Datasheet HTML 7Page - IC-Haus GmbH IC-GF Datasheet HTML 8Page - IC-Haus GmbH IC-GF Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
iC-GF
TRANSCEIVER
Rev F1, Page 4/30
PACKAGING INFORMATION
PIN CONFIGURATION QFN24 4 mm x 4 mm
1
2
3
4
5
6
7 8 9 10 11 12
13
14
15
16
17
18
19
20
21
22
23
24
TP
PIN FUNCTIONS
No. Name
Function
1 ISET
Reference Current for current limitation
of driver outputs
2 INV1
Inverting Input Channel 1
ESPI
Enable SPI (pin open)
3 IN1
Input Channel 1
TX
Transmission Input (SPI mode)
4 QCFG1 Configuration Input Channel 1
NCS
Chip Select (SPI mode)
PIN FUNCTIONS
No. Name
Function
5 QCFG2 Configuration Input Channel 2
SCLK
Serial Clock (SPI mode)
6 IN2
Input Channel 2
MOSI
Master Output Slave Input (SPI mode)
7 OEN
Output Enable Input
8 NOVL
Overload Error Output
NDIAG Diagnosis Output (SPI mode)
9 NUVD
Undervoltage Error Output
MISO
Master Input Slave Output (SPI mode)
10 CFO
Feedback Channel Output
RX
Transmission Output (SPI mode)
11 CFP
Configuration Input Feedback Channel
12 CFI
Feedback Channel Input
13 QP2
High Side Switch Output Channel 2
14 QN2
Low Side Switch Output Channel 2
15 VN
Ground
16 QN1
Low Side Switch Output Channel 1
17 QP1
High Side Switch Output Channel 1
18 VBO
Power Supply
19 VBR
Power Supply for switching converter
20 VHL
Inductor Switching Converter
21 VH
Input Linear Regulators
22 VCC
5 V Sensor Supply
23 VCC3
3.3 V Sensor Supply
24 GND
Sensor Ground
The Thermal Pad is to be connected to a Ground Plane (VN) on the PCB.
Only pin 1 marking on top or bottom defines the package orientation (iC-GF label and coding is subject
to change).
Do not short circuit line side ground (pin VN) and sensor side ground (pin GND). Otherwise interferences
introduced at the line side may affect the sensor function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com