Electronic Components Datasheet Search
  English  ▼

X  

IC-GF Datasheet(PDF) 21 Page - IC-Haus GmbH

Part # IC-GF
Description  TRANSCEIVER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-GF Datasheet(HTML) 21 Page - IC-Haus GmbH

Back Button IC-GF Datasheet HTML 17Page - IC-Haus GmbH IC-GF Datasheet HTML 18Page - IC-Haus GmbH IC-GF Datasheet HTML 19Page - IC-Haus GmbH IC-GF Datasheet HTML 20Page - IC-Haus GmbH IC-GF Datasheet HTML 21Page - IC-Haus GmbH IC-GF Datasheet HTML 22Page - IC-Haus GmbH IC-GF Datasheet HTML 23Page - IC-Haus GmbH IC-GF Datasheet HTML 24Page - IC-Haus GmbH IC-GF Datasheet HTML 25Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
iC-GF
TRANSCEIVER
Rev F1, Page 21/30
I(QPx)
texc
Iexc()
I(QNX)
QNx
0
QPx
ttrig
0
tdead
Isc()
Iexc()
TX
Isc()
Figure 9: Dynamic characteristic
Feedback channel CFI–RX configuration
In SPI mode RX is a standard CMOS output, which can
also be configured as an open-drain output, using the
register bit ENOD (cf. Table 15).
ENOD
Addr. 0x01; bit (0)
R/W 1
0
Push-pull output
1
Open-drain output
Table 15: RX configuration
The polarity of the feedback channel CFI–RX can be
configured using register bit POL (cf. Table 16). Pin
CFP has no function in SPI mode. The POL bit also
controls the pull-up/down current at CFI. The INVPUD
bit changes the polarity of the pull-up/down current at
CFI independent of the other configurations. The pul-
l-up/down current can be disconnected completely – if
required – by means of register bit ENPUD (cf. Table
17).
POL
Addr. 0x01; bit (2)
R/W 0
0
CFI hi → RX hi (ENOD = 0) resp. on (ENOD = 1)
Pull-down current (ENPUD = 1, INVPUD = 0)
1
CFI hi → RX lo (ENOD = 0) resp. off (ENOD = 1)
Pull-up current (ENPUD = 1, INVPUD = 0)
Table 16: Input polarity
ENPUD
Addr. 0x01; bit (3)
R/W 1
0
CFI pull-up/down disabled
1
CFI pull-up/down enabled
Table 17: Enable pull-up/down
The state of the CFI pin (high or low) is mapped inde-
pendent of POL to the register bit IND (see table 18).
Changes at CFI can be logged in the status bit CFED
(and signalled at pin NDIAG), if the bit ENCFD is set to
high. The CFED bit is cleared after read.
IND
Addr. 0x00; bit (7)
R
0
Input Signal at CFI is low
1
Input Signal at CFI is high
Table 18: CFI status
ENCFD
Addr. 0x02; bit (7)
R/W 0
0
CFED Disabled
1
CFED Enabled
Table 19: Enable edge detection at CFI
Table 20 summarizes the behaviour of the feedback
channel CFI in SPI mode.
Feedback channel CFI
CFI POL INVPUD IND RX (ENOD = 0) RX (ENOD = 1) Current at CFI
0
0
0
0
0
off
down
1
0
0
1
1
on
down
0
1
0
0
1
on
up
1
1
0
1
0
off
up
0
0
1
0
0
off
up
1
0
1
1
1
on
up
0
1
1
0
1
on
down
1
1
1
1
0
off
down
Table 20: Function table of feedback channel CFI in SPI mode (ENPUD = 1)
Overload detection
In SPI mode the counter decrements of the overload
detection can be programmed with the register DU-
TYC(1:0), resulting in different overload duty cycles at
the switching channels. The maximum allowed over-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com