Electronic Components Datasheet Search
  English  ▼

X  

IC-GF Datasheet(PDF) 3 Page - IC-Haus GmbH

Part # IC-GF
Description  TRANSCEIVER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-GF Datasheet(HTML) 3 Page - IC-Haus GmbH

  IC-GF Datasheet HTML 1Page - IC-Haus GmbH IC-GF Datasheet HTML 2Page - IC-Haus GmbH IC-GF Datasheet HTML 3Page - IC-Haus GmbH IC-GF Datasheet HTML 4Page - IC-Haus GmbH IC-GF Datasheet HTML 5Page - IC-Haus GmbH IC-GF Datasheet HTML 6Page - IC-Haus GmbH IC-GF Datasheet HTML 7Page - IC-Haus GmbH IC-GF Datasheet HTML 8Page - IC-Haus GmbH IC-GF Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
iC-GF
TRANSCEIVER
Rev F1, Page 3/30
CONTENTS
PACKAGING INFORMATION
4
PIN CONFIGURATION QFN24 4 mm x 4 mm
4
PIN CONFIGURATION CSP . . . . . . . . .
5
PACKAGE DIMENSIONS QFN24 4 mm x 4 mm 6
PACKAGE DIMENSIONS CSP . . . . . . . .
7
ABSOLUTE MAXIMUM RATINGS
8
THERMAL DATA
8
ELECTRICAL CHARACTERISTICS
10
OPERATING REQUIREMENTS
14
SPI Interface . . . . . . . . . . . . . . . . . .
15
DESCRIPTION OF FUNCTIONS
16
Reverse polarity protection . . . . . . . . . .
16
Output characteristics of Q1, Q2 . . . . . . .
16
Free-wheeling circuit for inductive loads . . .
16
Dead time . . . . . . . . . . . . . . . . . . . .
16
Overload detection . . . . . . . . . . . . . . .
16
Undervoltage detection . . . . . . . . . . . .
17
Digital filtering at inputs . . . . . . . . . . . .
17
Feedback channel CFI–CFO . . . . . . . . .
17
Spread spectrum oscillator . . . . . . . . . .
17
Configuration mode . . . . . . . . . . . . . .
17
DEFAULT MODE
18
Enabling the switches . . . . . . . . . . . . .
18
Configuring the switches . . . . . . . . . . . .
18
Feedback channel CFI–CFO configuration .
18
Undervoltage signalling . . . . . . . . . . . .
18
SPI MODE
19
Switch enable . . . . . . . . . . . . . . . . . .
19
Switch control . . . . . . . . . . . . . . . . . .
19
Switch configuration . . . . . . . . . . . . . .
19
Digital filtering at inputs . . . . . . . . . . . .
20
Excitation current . . . . . . . . . . . . . . . .
20
Feedback channel CFI–RX configuration . .
21
Overload detection . . . . . . . . . . . . . . .
21
Spread spectrum oscillator . . . . . . . . . .
22
Pull-down currents . . . . . . . . . . . . . . .
22
Undervoltage signalling . . . . . . . . . . . .
22
Communication requests . . . . . . . . . . .
22
SPI INTERFACE
23
REGISTERS
24
Configuration overview . . . . . . . . . . . .
24
APPLICATION NOTES
25
Setup for medium and small currents at
VCC/VCC3 . . . . . . . . . . . . . . . .
25
Output protection . . . . . . . . . . . . . . . .
25
DEMO BOARD
27
DESIGN REVIEW: Function Notes
29
REVISION HISTORY
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com