Electronic Components Datasheet Search
  English  ▼

X  

GF9101 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # GF9101
Description  High Performance Multirate Digital Filter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GF9101 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  GF9101 Datasheet HTML 1Page - List of Unclassifed Manufacturers GF9101 Datasheet HTML 2Page - List of Unclassifed Manufacturers GF9101 Datasheet HTML 3Page - List of Unclassifed Manufacturers GF9101 Datasheet HTML 4Page - List of Unclassifed Manufacturers GF9101 Datasheet HTML 5Page - List of Unclassifed Manufacturers GF9101 Datasheet HTML 6Page - List of Unclassifed Manufacturers GF9101 Datasheet HTML 7Page - List of Unclassifed Manufacturers GF9101 Datasheet HTML 8Page - List of Unclassifed Manufacturers GF9101 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
520 - 64 - 7
5
The timing diagram shown in Figure 1 loads the memories shown in Table 4:
Fig. 1 Parallel Loading Timing Diagram
The address generated is shown in Table 5.
Timing for the parallel loading signals is the same as that
for other synchronous inputs.
MICROPROCESSOR LOADING
If microprocessor loading is selected, the LOAD_EN pin
alone determines the run mode or the load mode. When
LOAD_EN is low, the load mode is selected, the run mode
is disabled, but a write will not occur until COEF_WR is low.
Microprocessor
loading
is
random
access
and
asynchronous.
Like
parallel
loading,
microprocessor
loading uses COEF_DATA (7-0) and COEF_ADDR (9-0) to
write three 8-bit words for each 24-bit memory written.
Addressing is the same as for parallel loading. In
microprocessor mode, at least one set of filter coefficients
TABLE 4: Memory Loaded into Internal RAM in Parallel Load Mode
TAP (location)
12-bit WORD IN HEX.
MEMORY BANK
1 (0)
FB2
MB0
2 (0)
EF4
MB0
11 (107)
CCC
MB5
12 (107)
DDD
MB5
COEF_DATA
(7-0)
COEF_WR
LOAD_EN
CLK_IN
CONFIGURE
COEF_ADDR
(9-0)
300
XX
F4
2E
FB
DD
CD
CC
XX
XX
2EB
3EB
36B
000
380
XX
TABLE 5: Address Generation for Parallel Loading Example
DESTINATION
COEF_ADDR
(9-7) IN BINARY
COEF_ADDR
(6-0) IN HEX
COEF_ADDR
(9-0) IN HEX
TEMP_REG_A
110
X
300
TEMP_REG_B
111
X
380
MB0
000
0
000
TEMP_REG_A
110
X
36B or 300
TEMP_REG_B
111
X
3EB or 380
MB5
101
6B
2EB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com