Electronic Components Datasheet Search
  English  ▼

X  

GF9101 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # GF9101
Description  High Performance Multirate Digital Filter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GF9101 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button GF9101 Datasheet HTML 8Page - List of Unclassifed Manufacturers GF9101 Datasheet HTML 9Page - List of Unclassifed Manufacturers GF9101 Datasheet HTML 10Page - List of Unclassifed Manufacturers GF9101 Datasheet HTML 11Page - List of Unclassifed Manufacturers GF9101 Datasheet HTML 12Page - List of Unclassifed Manufacturers GF9101 Datasheet HTML 13Page - List of Unclassifed Manufacturers GF9101 Datasheet HTML 14Page - List of Unclassifed Manufacturers GF9101 Datasheet HTML 15Page - List of Unclassifed Manufacturers GF9101 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
520 - 64 - 7
12
Fig. 11 Timing Diagram for a 24 Tap Asymmetric Filter
Fig. 11a Data Flow Diagram for a 24 Tap Asymmetric Filter
Fig. 11b Data Flow Diagram for a 24 Tap Asymmetric Filter
CASCADING
In the previous section, configuration for a 24 tap filter using
only one GF9101 was shown. To realize higher order (>24)
filters, up to three GF9101's would allow a 72 tap FIR filter to
be configured without any additional hardware. In Figure
13, two GF9101's are cascaded together to obtain a 48 tap
filter. The data enters DATA_A_IN (device number 1) and
exits from DATA_B_OUT (device number 1). In device
number
2,
the
DATA_A_OUT
bus
is
connected
to
DATA_B_IN in order to feed the data back in to the B12
register
of
the
same
device.
The
contents
of
the
configuration register will be different for the two devices to
compensate for a three register delay introduced when two
GF9101's are cascaded to get a 48 tap filter. The
configuration register contents are shown in Table 11.
PIPELINE _OUT
COEF_ADDR
(6-0)
01H
00H
01H
01H
00H
01H
00H
00H
FB _SEL
CONFIGURE
ZERO
LOAD_EN
ENC
01H
00H
01H
0
1
2
3
4
5
6
7
8
9
10
CLK_IN
ENA
ENB
SEL_A/B
A
B
A
B
A
B
A
B
A
B
DATA_A_IN
B
PIPELINED
ADDER
(A23 x C0) + (A22 x C1) + (A21 x C2) +...+(A13 x C10) + (A12 x C11)
DATA–A–IN
DATA–B–OUT
C0
Σ
x
x
x
x
x
A0
A1
C1
C2
C10
C11
A10
A13
A21
A22
A11
A2
A12
A23
PIPELINED
ADDER
(A0 x C23) + (A1 x C22) + (A2 x C21) +...+(A10 x C13) + (A11 x C12)
DATA–A–IN
DATA–B–OUT
C23
Σ
x
x
x
x
x
A0
A1
A2
C22
C21
C13
C12
A10
A12
A13
A21
A22
A23
A11
(A23 x C0) + (A22 x C1) + (A21 x C2) +...+(A13 x C10) + (A12 x C11)
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com