Electronic Components Datasheet Search
  English  ▼

X  

GF9101 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # GF9101
Description  High Performance Multirate Digital Filter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GF9101 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button GF9101 Datasheet HTML 12Page - List of Unclassifed Manufacturers GF9101 Datasheet HTML 13Page - List of Unclassifed Manufacturers GF9101 Datasheet HTML 14Page - List of Unclassifed Manufacturers GF9101 Datasheet HTML 15Page - List of Unclassifed Manufacturers GF9101 Datasheet HTML 16Page - List of Unclassifed Manufacturers GF9101 Datasheet HTML 17Page - List of Unclassifed Manufacturers GF9101 Datasheet HTML 18Page - List of Unclassifed Manufacturers GF9101 Datasheet HTML 19Page - List of Unclassifed Manufacturers GF9101 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
520 - 64 - 7
16
GF9101 Pin Designations
GF9101 Power Consumption vs Clock Rate
Fig. 16 Equivalent Input/Output Circuit
71
70
68
67
66
65
64
63
62
61
58
57
56
55
54
53
52
51
50
48
82
84
85
87
89
81
82
83
84
85
106
106
108
110
111
112
114
115
117
118
16
127
128
130
131
132
133
134
135
136
137
23
141
142
143
144
145
146
147
148
149
151
24
22
38
37
35
34
32
31
30
28
27
26
15
14
13
12
11
9
7
5
4
2
96
97
98
101
102
103
104
105
78
77
75
74
72
47
45
44
43
42
25
138
GF9101
160 PIN Metal Quad
+/- 5V
1, 10, 20, 29,
40, 41, 59, 69,
80, 81, 90, 99, 109,
120, 121, 129,
140, 150, 160
GND
3, 6, 8, 19, 33,
36, 39, 46, 49,
60, 73, 76, 79, 83,
86, 88, 100,
113, 116, 119,
122, 125, 139,
153, 155, 159
DA-IN9
DA-IN8
DA-IN7
DA-IN6
DA-IN5
DA-IN4
DA-IN3
DA-IN2
DA-IN1
DA-IN0
ENA
DB-IN9
DB-IN8
DB-IN7
DB-IN6
DB-IN5
DB-IN4
DB-IN3
DB-IN2
DB-IN1
DB-IN0
ENB
SELAB
PL-IN19
PL-IN18
PL-IN17
PL-IN16
PL-IN15
PL-IN14
PL-IN13
PL-IN12
PL-IN11
PL-IN10
PL-IN9
PL-IN8
PL-IN7
PL-IN6
PL-IN5
PL-IN4
PL-IN3
PL-IN2
PL-IN1
PL-IN0
COEF-D7
COEF-D6
COEF-D5
COEF-D4
COEF-D3
COEF-D2
COEF-D1
COEF-D0
COEF-AD9
COEF-AD8
COEF-AD7
COEF-AD6
COEF-AD5
COEF-AD4
COEF-AD3
COEF-AD2
COEF-AD1
COEF-AD0
ENC
CLK_IN
DA-OUT9
DA-OUT8
DA-OUT7
DA-OUT6
DA-OUT5
DA-OUT4
DA-OUT3
DA-OUT2
DA-OUT1
DA-OUT0
DB-OUT9
DB-OUT8
DB-OUT7
DB-OUT6
DB-OUT5
DB-OUT4
DB-OUT3
DB-OUT2
DB-OUT1
DB-OUT0
PL-OUT19
PL-OUT18
PL-OUT17
PL-OUT16
PL-OUT15
PL-OUT14
PL-OUT13
PL-OUT12
PL-OUT11
PL-OUT10
PL-OUT9
PL-OUT8
PL-OUT7
PL-OUT6
PL-OUT5
PL-OUT4
PL-OUT3
PL-OUT2
PL-OUT1
PL-OUT0
SLOADCMP
21
18
17
158
157
156
126
124
123
ABSOLUTE MAXIMUM RATINGS
PARAMETER
VALUE
Supply Voltage
-0.3 to +7.0 V
Input Voltage
-0.3 to (VDD +0.3) V
Short Circuit Duration
(single output)
1 second
Storage Temp
- 40 to +125 C
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
LIMIT
UNIT
DC Supply Voltage
VDD
+ 3.0 to + 5.5
V
Ambient
TA
0 to +70
C
Junction
TJ
+150
C
5
4
3
2
1
10
20
30
40
50
60
70
80
Frequency (MHz)
V
CC
= 5 V
T
A
= 25 C
n SUBSTRATE
CONTROL
INPUT
p WELL
GND
D1
n
p
VDD
D2
D1
D2
GND
n SUBSTRATE
p WELL
n
p
n+
p+
VDD
n+
p+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com