Electronic Components Datasheet Search
  English  ▼

X  

MB4U Datasheet(PDF) 5 Page - IC-Haus GmbH

Part # MB4U
Description  BiSS, SSI, PC-USB 2.0 ADAPTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

MB4U Datasheet(HTML) 5 Page - IC-Haus GmbH

  MB4U Datasheet HTML 1Page - IC-Haus GmbH MB4U Datasheet HTML 2Page - IC-Haus GmbH MB4U Datasheet HTML 3Page - IC-Haus GmbH MB4U Datasheet HTML 4Page - IC-Haus GmbH MB4U Datasheet HTML 5Page - IC-Haus GmbH MB4U Datasheet HTML 6Page - IC-Haus GmbH MB4U Datasheet HTML 7Page - IC-Haus GmbH MB4U Datasheet HTML 8Page - IC-Haus GmbH MB4U Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
preliminary
preliminary
MB4U
BiSS, SSI, PC-USB 2.0 ADAPTER
Rev C1, Page 5/16
ELECTRICAL CHARACTERISTICS
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
Power Supply Input
001 Vusb
Supply Voltage
By USB port
4.5
5.0
5.5
V
002 Iusb
Current Consumption
From USB port
500
mA
Power Supply Output (VDD, VB)
101 VDD
VDD Supply Output
USB powered
4.5
5.0
5.5
V
102 I(VDD)
Permissible VDD Load Current
USB powered; load at VDD;
250
mA
no other load at VB, MA±, MO±
103 VB
VB Supply Output
USB powered
9
12
13
V
104 I(VB)
Permissible VB Load Current
USB powered; load at VB;
90
mA
no other load at VDD, MA±, MO±
RS-422 Outputs MA/NMA/MO/NMO
301 Vout()
Diff. Output at MA+, MA-, MO+,
MO-
RL = 54Ω;
1.5
V
according to MAX3491EESD+ or ADM3491
datasheet
302 fclock()
Clock Frequency at MA+, MA-
50% duty cycle
10
MHz
303 fdata()
Data Frequency at MO+, MO-
50% duty cycle
10
MHz
RS-422 Inputs SL/NSL
401 f(max)
Maximum Communication Fre-
quency
50% duty cycle
10
MHz
402 VIT+()
Positive going input threshold
voltage at SL+ vs. SL-
according to MAX3491EESD+ or ADM3491
datasheet
0.8
V
403 VIT-()
Positive going input threshold
voltage at SL+ vs. SL-
according to MAX3491EESD+ or ADM3491
datasheet
2.0
V
404 VHYST
Hysteresis voltage
according to MAX3491EESD+ or ADM3491
datasheet
50
mV
405 Rin()
Input Termination at SL+ vs. SL-
120
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com