Electronic Components Datasheet Search
  English  ▼

X  

MB4U Datasheet(PDF) 16 Page - IC-Haus GmbH

Part # MB4U
Description  BiSS, SSI, PC-USB 2.0 ADAPTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

MB4U Datasheet(HTML) 16 Page - IC-Haus GmbH

Back Button MB4U Datasheet HTML 8Page - IC-Haus GmbH MB4U Datasheet HTML 9Page - IC-Haus GmbH MB4U Datasheet HTML 10Page - IC-Haus GmbH MB4U Datasheet HTML 11Page - IC-Haus GmbH MB4U Datasheet HTML 12Page - IC-Haus GmbH MB4U Datasheet HTML 13Page - IC-Haus GmbH MB4U Datasheet HTML 14Page - IC-Haus GmbH MB4U Datasheet HTML 15Page - IC-Haus GmbH MB4U Datasheet HTML 16Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
preliminary
preliminary
MB4U
BiSS, SSI, PC-USB 2.0 ADAPTER
Rev C1, Page 16/16
ORDERING INFORMATION
Type
Package
Order Designation
MB4U
105 mm x 33 mm x 16 mm
Aluminium blue anodized
iC-MB4 iCSY MB4U
MB4U-CABLE1 105 mm x 33 mm x 16 mm
Aluminium blue anodized,
including 500 mm MU1C cable
iC-MB4 iCSY MB4U-CABLE1
Please send your purchase orders to our order handling team:
Fax: +49 (0) 61 35 - 92 92 - 692
E-Mail: dispo@ichaus.com
For technical support, information about prices and terms of delivery please contact:
iC-Haus GmbH
Tel.: +49 (0) 61 35 - 92 92 - 0
Am Kuemmerling 18
Fax: +49 (0) 61 35 - 92 92 - 192
D-55294 Bodenheim
Web: http://www.ichaus.com
GERMANY
E-Mail: sales@ichaus.com
Appointed local distributors: http://www.ichaus.com/sales_partners



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com