Electronic Components Datasheet Search
  English  ▼

X  

MB4U Datasheet(PDF) 14 Page - IC-Haus GmbH

Part # MB4U
Description  BiSS, SSI, PC-USB 2.0 ADAPTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

MB4U Datasheet(HTML) 14 Page - IC-Haus GmbH

Back Button MB4U Datasheet HTML 8Page - IC-Haus GmbH MB4U Datasheet HTML 9Page - IC-Haus GmbH MB4U Datasheet HTML 10Page - IC-Haus GmbH MB4U Datasheet HTML 11Page - IC-Haus GmbH MB4U Datasheet HTML 12Page - IC-Haus GmbH MB4U Datasheet HTML 13Page - IC-Haus GmbH MB4U Datasheet HTML 14Page - IC-Haus GmbH MB4U Datasheet HTML 15Page - IC-Haus GmbH MB4U Datasheet HTML 16Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
preliminary
preliminary
MB4U
BiSS, SSI, PC-USB 2.0 ADAPTER
Rev C1, Page 14/16
REVISION HISTORY
Rel.
Rel. Date∗
Chapter
Modification
Page
A1
2010-06-09 ATTACHMENTS
First official release.
all
Rel.
Rel. Date∗
Chapter
Modification
Page
A2
2010-07-29 ORDERING INFORMATION
Order codes added.
6
Rel.
Rel. Date∗
Chapter
Modification
Page
A3
2010-08-09 ORDERING INFORMATION
Software links removed.
4
Rel.
Rel. Date∗
Chapter
Modification
Page
B1
2010-10-11 FEATURES
BiSS C, BiSS C unidirectional, SSI updated.
1
Rel.
Rel. Date∗
Chapter
Modification
Page
B2
2011-05-12 BiSS POWER SUPPLY CONTROL
Power control hint added.
4
Rel.
Rel. Date∗
Chapter
Modification
Page
B3
2013-03-04 DESCRIPTION
BUA info added.
2
BiSS SOFTWARE ENVIRONMENT BiSS DLL 5.2 supports multiple MB4U adapter in one application.
4
Rel.
Rel. Date∗
Chapter
Modification
Page
B4
2013-10-28 BiSS POWER SUPPLY CONTROL
Power control hint added.
4
BiSS POWER SUPPLY CONTROL
Galvanic coupling info added.
4
Rel.
Rel. Date∗
Chapter
Modification
Page
B5
2013-11-22 CONNECTORS
MU1C related 6 pin cable connector added.
3
MU1C ADAPTER AND CABLE
SET
MU1C chapter added.
6
ORDERING INFORMATION
Order code iC-MB4 iCSY MB4U-CABLE1 added.
7
Rel.
Rel. Date∗
Chapter
Modification
Page
C1
2017-03-09 SYSTEM VIEW
MB4U SYSTEM VIEW picture updated.
1
DESCRIPTION
Supported OS list updated: Windows 10, 32 and 64 bit drivers added.
2
ABSOLUTE MAXIMUM RATINGS
ABSOLUTE MAXIMUM RATINGS updated,
partial transfer into ELECTRICAL CHARACTERISTICS.
4
ABSOLUTE MAXIMUM RATINGS
ABSOLUTE MAXIMUM RATINGS non relevant content removed.
4
ELECTRICAL
CHARACTERISTICS
ELECTRICAL CHARACTERISTICS added.
5
DESCRIPTION
LPT driver no more relevant and removed.
6
GALVANIC COUPLING OF USB,
POWER SUPPLY, GND, SIGNALS
AND SHIELD
Chapter updated.
6
BiSS POWER SUPPLY CONTROL
Chapter updated.
6
BiSS MASTER IP MB100
Chapter updated.
6
CONNECTORS
”The extension cable ships typically with MU1C.” added.
7
ELECTRICAL
CHARACTERISTICS
”Interface Power Supply” standardized to VB and VDD Supply Output
7
SENSOR SUPPLY THROUGH
USB
Chapter SENSOR SUPPLY THROUGH USB added.
7
MU1C ADAPTER AND CABLE
SET
MU1C chapter updated.
7
APPLICATION SOFTWARE
Chapter replaces BiSS SOFTWARE ENVIRONMENT.
8
EU DECLARATION OF
CONFORMITY
Chapter added.
13
REVISION HISTORY
REVISION HISTORY updated to standard format.
14
∗ Release Date format: YYYY-MM-DD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com