Electronic Components Datasheet Search
  English  ▼

X  

MB4U Datasheet(PDF) 8 Page - IC-Haus GmbH

Part # MB4U
Description  BiSS, SSI, PC-USB 2.0 ADAPTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

MB4U Datasheet(HTML) 8 Page - IC-Haus GmbH

Back Button MB4U Datasheet HTML 4Page - IC-Haus GmbH MB4U Datasheet HTML 5Page - IC-Haus GmbH MB4U Datasheet HTML 6Page - IC-Haus GmbH MB4U Datasheet HTML 7Page - IC-Haus GmbH MB4U Datasheet HTML 8Page - IC-Haus GmbH MB4U Datasheet HTML 9Page - IC-Haus GmbH MB4U Datasheet HTML 10Page - IC-Haus GmbH MB4U Datasheet HTML 11Page - IC-Haus GmbH MB4U Datasheet HTML 12Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
preliminary
preliminary
MB4U
BiSS, SSI, PC-USB 2.0 ADAPTER
Rev C1, Page 8/16
APPLICATION SOFTWARE
The BiSS reader software is a good and generic tool to access position and register data of BiSS devices. The
BiSS reader software can be used on PCs with Windows operating systems, as well as the BiSS interface DLL
and the required USB driver for available adapters. Installers for the BiSS reader software software, the BiSS
Interface DLL and USB drivers for the adapters are available as a downloadable ZIP file.
Download from http://www.ichaus.de/software
For iC-Haus iC devices easy to use product specific evaluation software is also available and can be used to
access, configure and calibrate. Installers for product specific evaluation software, the product specific DLLs and
USB drivers for the adapters are available as a downloadable ZIP file.
Download from http://www.ichaus.de/software
Download from http://www.ichaus.de/MB4U_driver
Installation
After unzipping the Driver ZIP, the driver executable file(s) are located in the selected directory.
Note: Administrator rights are required to run installation.
The BiSS software for PCs running on Windows operating systems is available as an installer. Download from
http://www.ichaus.de/BiSS_gui_rte
See also the iC-Haus software overview http://www.ichaus.de/software
1. USB driver need to be installed to access the BiSS PC Adapter. Execute the executable in the driver installation
package and follow the on-screen instructions. This process can take a few minutes.
2. The installation of the BiSS software starts by executing the installer. Follow the on-screen instructions to finish
the installation procedure.
3. Installation will make the BiSS software available in the selected working directory. The execution of this file
will start the software. Figure 2 shows a screenshot of the start up window.
Connection
Before connecting the BiSS adapter to the PC please make sure you have installed the latest USB driver!
Connect the adapter via the MINI USB cable and start the BiSS software executable. Select the interface operating
mode to the dedicated adapter e.g. "iC-Interface ↔ USB(MB4U) Ctrl-4" for MB4U. The interface display should
show "Connected" - the adapter is now ready to operate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com