Electronic Components Datasheet Search
  English  ▼

X  

MB4U Datasheet(PDF) 4 Page - IC-Haus GmbH

Part # MB4U
Description  BiSS, SSI, PC-USB 2.0 ADAPTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

MB4U Datasheet(HTML) 4 Page - IC-Haus GmbH

  MB4U Datasheet HTML 1Page - IC-Haus GmbH MB4U Datasheet HTML 2Page - IC-Haus GmbH MB4U Datasheet HTML 3Page - IC-Haus GmbH MB4U Datasheet HTML 4Page - IC-Haus GmbH MB4U Datasheet HTML 5Page - IC-Haus GmbH MB4U Datasheet HTML 6Page - IC-Haus GmbH MB4U Datasheet HTML 7Page - IC-Haus GmbH MB4U Datasheet HTML 8Page - IC-Haus GmbH MB4U Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
preliminary
preliminary
MB4U
BiSS, SSI, PC-USB 2.0 ADAPTER
Rev C1, Page 4/16
ABSOLUTE MAXIMUM RATINGS
Beyond these values damage may occur; device operation is not guaranteed.
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Max.
G001 Power USB Maximum Power Consumption from
USB Bus
see USB specifications
500
mA
G002 VDD
Logic Power Supply
4.0
5.5
V
G003 I(VDD)
Logic Power Supply
VDD ≥ 4.5 V, I(VB) = 0 mA
250
350
mA
G004 VB
Field Power Supply
9
13
V
G005 I(VB)
Field Power Supply
VB ≥ 9 V, I(VDD) = 0 mA
90
125
mA
G006 PIN1
VB
No reverse supply permitted
-0.3
13
V
G007 PIN4
VDD
No reverse supply permitted
-0.3
5,8
V
G008 PIN7, PIN8 RS422 input pins
-0.3
5,8
V
G009 V(PIN6 to
USB)
GND USB = GND FIELD
0
0
V
THERMAL DATA
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
T01 Temp
Temperature Range
0
50
°C
T02 HUM
Humidity
non condensing
5
95
%
All voltages are referenced to ground unless otherwise stated.
All currents flowing into the device pins are positive; all currents flowing out of the device pins are negative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com