Electronic Components Datasheet Search
  English  ▼

X  

IC-MSB Datasheet(PDF) 9 Page - IC-Haus GmbH

Part # IC-MSB
Description  SIN/COS SIGNAL CONDITIONER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MSB Datasheet(HTML) 9 Page - IC-Haus GmbH

Back Button IC-MSB Datasheet HTML 5Page - IC-Haus GmbH IC-MSB Datasheet HTML 6Page - IC-Haus GmbH IC-MSB Datasheet HTML 7Page - IC-Haus GmbH IC-MSB Datasheet HTML 8Page - IC-Haus GmbH IC-MSB Datasheet HTML 9Page - IC-Haus GmbH IC-MSB Datasheet HTML 10Page - IC-Haus GmbH IC-MSB Datasheet HTML 11Page - IC-Haus GmbH IC-MSB Datasheet HTML 12Page - IC-Haus GmbH IC-MSB Datasheet HTML 13Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
iC-MSBSAFETY, iC-MSB2
SIN/COS SIGNAL CONDITIONER WITH 1Vpp DRIVER
Rev F3, Page 9/32
ELECTRICAL CHARACTERISTICS
Operating conditions: VDD = 4.3...5.5 V, Tj = -40...140 °C, IBN calibrated to 200 µA, reference point GNDS, unless otherwise stated.
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
120 fc()in
Input Amplifier Cut-off Frequency
(-3dB)
250
kHz
Signal Conditioning, Inputs X1, X2
201 Vin()sig
Permissible Input Voltage Range RIN0(3:0) = 0x01
0.75
VDDS
−
1.5
V
RIN0(3:0) = 0x09
0
VDDS
V
202 Iin()sig
Permissible Input Current Range RIN0(0) = 0, BIAS0 = 0
-300
-10
µA
RIN0(0) = 0, BIAS0 = 1
10
300
µA
203 Iin()
Input Current
RIN0(3:0) = 0x01
-10
10
µA
204 Vout(X2)
Output Voltage at X2
BIASEX = 10, I(X2) = 0, referenced to VRE-
Fin12
95
100
105
%
205 Vin(X2)
Permissible Input Voltage at X2
BIASEX = 11
0.5
VDDS
−
2
V
206 Rin(X2)
Input Resistance at X2
BIASEX = 11, RIN0(3:0) = 0x01, RIN12(3:0) =
0x01
20
27
35
kΩ
207 Rin()
Input Resistance vs. VREFin
Tj = 27 °C;
RIN0(3:0) = 0x09
16
20
24
kΩ
RIN0(3:0) = 0x00
1.1
1.6
2.1
kΩ
RIN0(3:0) = 0x02
1.6
2.3
3.0
kΩ
RIN0(3:0) = 0x04
2.2
3.2
4.2
kΩ
RIN0(3:0) = 0x06
3.2
4.6
6.0
kΩ
208 TCRin()
Temperature Coefficient Rin
0.15
%/K
209 VREFin0
Reference Voltage
RIN0(0) = 0, BIAS0 = 1
1.35
1.5
1.65
V
RIN0(0) = 0, BIAS0 = 0
2.25
2.5
2.75
V
210 G0
Selectable Gain Factors
RIN0(3:0) = 0x01, GR0 and GF0 = 0x0
2
RIN0(3:0) = 0x01, GR0 and GF0 = max.
100
RIN0(3:0) = 0x09, GR0 and GF0 = 0x0
0.5
RIN0(3:0) = 0x09, GR0 and GF0 = max
25
211 ∆Gdiff
Differential Gain Accuracy
calibration range 5 bit
-0.5
0.5
LSB
212 ∆Gabs
Absolute Gain Accuracy
calibration range 5 bit, guaranteed monotony
-1
1
LSB
213 Vin()diff
Recommended Differential Input
Voltage
Vin()diff = V(CHP0) - V(CHN0);
RIN0(3:0) = 0x01
10
500
mVpp
RIN0(3:0) = 0x09
40
2000
mVpp
214 Vin()os
Input Offset Voltage
referred to side of input
0
75
µV
215 VOScal
Offset Calibration Range
referenced to the selected source (REFVOS);
OR0 = 00
±100
%V()
OR0 = 01
±200
%V()
OR0 = 10
±600
%V()
OR0 = 11
±1200
%V()
216 ∆VOSdiff
Differential Linearity Error of
Offset Correction
calibration range 6 bit
-0.5
0.5
LSB
217 ∆VOSint
Integral Linearity Error of Offset
Correction
calibration range 6 bit
-1
1
LSB
Signal Filter
301 fc
Cut-off Frequency
ENF = 1, f()in 100 kHz for sine/cosine
4000
kHz
302 phi
Phase Delay (output vs. input)
ENF = 1, f()in 500 kHz for sine/cosine
10
°
Index Pulse Comparator Output PZ, NZ
401 Vpk()
Output Amplitude With Sensor
Tracking via ACO
EAZ = 1, ADJ(4:0) = 0x19
225
250
275
mV
402 SR()
Output Slew Rate
EAZ = 1
1
V/µs
Line Driver Outputs PS, NS, PC, NC, PZ, NZ
501 Vpk()max
Permissible Output Amplitude
VDD = 4.5 V, DC level = VDD/2,
300
mV
RL = 50 Ω vs. VDD/2
502 Vpk()
Output Amplitude With Sensor
Tracking via ACO
ADJ (8:0) = 0x19
225
250
275
mV
503 fc()out
Cut-off Frequency
CL = 250 pF
500
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com