Electronic Components Datasheet Search
  English  ▼

X  

IC-MSB Datasheet(PDF) 16 Page - IC-Haus GmbH

Part # IC-MSB
Description  SIN/COS SIGNAL CONDITIONER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MSB Datasheet(HTML) 16 Page - IC-Haus GmbH

Back Button IC-MSB Datasheet HTML 12Page - IC-Haus GmbH IC-MSB Datasheet HTML 13Page - IC-Haus GmbH IC-MSB Datasheet HTML 14Page - IC-Haus GmbH IC-MSB Datasheet HTML 15Page - IC-Haus GmbH IC-MSB Datasheet HTML 16Page - IC-Haus GmbH IC-MSB Datasheet HTML 17Page - IC-Haus GmbH IC-MSB Datasheet HTML 18Page - IC-Haus GmbH IC-MSB Datasheet HTML 19Page - IC-Haus GmbH IC-MSB Datasheet HTML 20Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
iC-MSBSAFETY, iC-MSB2
SIN/COS SIGNAL CONDITIONER WITH 1Vpp DRIVER
Rev F3, Page 16/32
I2C Slave Mode (ENSL = 1)
In this mode iC-MSB behaves like an I2C slave with the
device ID 0x55 and the configuration interface permits
write and read accesses to iC-MSB’s internal registers.
For chip release verification purposes an identification
value is stored under ROM address 0x1F; a write ac-
cess to this address is not permitted.
CHPREL
Adr 0x1F, bit 7:0 (ROM)
Code
Chip Release
0x00
Not available
0x04
iC-MSB SAFETY v4
0x05
iC-MSB SAFETY v5
0x25
iC-MSB2 v5
Table 7: Chip Release
NTRI
Adr 0x02, bit 7
Code
Function
0
Output drivers disabled
1
Setting the operating mode, output drivers active
Notes
NTRI is evaluated only during I2C slave mode.
Table 8: Tristate Function And Op. Mode Change
Register
Read access in I2C slave mode (ENSL = 1)
Address
Content
0x00-0x18
Configuration: register addresses 0x00-0x18
0x19-0x1A
Not available
0x1B-0x1E OEM data (4 byte)
(see EEPROM addresses 0x1B-0x1E)
0x1F
Chip release (ROM)
0x20-0x23
Configuration: register addresses 0x20-0x23
0x24-0x37
Not available
0x38
Configuration: register address 0x18
0x39-0x3A
Not available
0x3B-0x3E OEM data (4 byte)
(see EEPROM addresses 0x1B-0x1E)
0x3F
Chip release (ROM)
0x40-0x43
Current error memory
(only active if enabled by EMASKE; messages are
transferred to EEPROM Addresses 0x20-0x23)
0x44-0x7F
Not available
Table 9: RAM Read Access
Register
Write access in I2C slave mode (ENSL = 1)
Address
Access and conditions
0x00
Changes possible, no restrictions
0x01
Changes possible (wrong entries for CFGIBN can
limit functions)
0x02
Bit 7 = 0 (NTRI): changes to bits (6:0) permitted
A change of operating mode follows only on writing
Bit 7 = 1 (NTRI); when doing so changes to bits (6:0)
are not permitted.
0x03-0x16
Changes possible, no restrictions
0x17
Bit 3 = 1 (ENSL):
changes to bits (7:4) and (2:0) permitted
0x18
Changes possible, no restrictions
0x19-0x1A
Not available
0x1B-0x1E Changes possible, no restrictions
others
No changes permitted
Table 10: RAM Write Access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com