Electronic Components Datasheet Search
  English  ▼

X  

IC-MSB Datasheet(PDF) 18 Page - IC-Haus GmbH

Part # IC-MSB
Description  SIN/COS SIGNAL CONDITIONER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MSB Datasheet(HTML) 18 Page - IC-Haus GmbH

Back Button IC-MSB Datasheet HTML 14Page - IC-Haus GmbH IC-MSB Datasheet HTML 15Page - IC-Haus GmbH IC-MSB Datasheet HTML 16Page - IC-Haus GmbH IC-MSB Datasheet HTML 17Page - IC-Haus GmbH IC-MSB Datasheet HTML 18Page - IC-Haus GmbH IC-MSB Datasheet HTML 19Page - IC-Haus GmbH IC-MSB Datasheet HTML 20Page - IC-Haus GmbH IC-MSB Datasheet HTML 21Page - IC-Haus GmbH IC-MSB Datasheet HTML 22Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
iC-MSBSAFETY, iC-MSB2
SIN/COS SIGNAL CONDITIONER WITH 1Vpp DRIVER
Rev F3, Page 18/32
OPERATING MODES
In order to calibrate iC-MSB, compensate for the input
signals and test iC-MSB the mode of operation must be
changed. The output function changes according to the
various operating modes; the line drivers and protection
against reverse polarity facility are only active in normal
mode.
MODE(3:0)
Addr. 0x02; bit 3:0
BYP
Addr. 0x0D; bit 5
Code
Operating Mode
Pin PS
Pin NS
Pin PC
Pin NC
Pin PZ
Pin NZ
Pin ERR
0x00
Normal operation
PS
NS
PC
NC
PZ
NZ
ERR
0x01
Calibration 1
TANA0(2)
VREFI0
VREFI12
IBN
PZI
NZI
ERR
0x02
Calibration 2, BYP = 0
Calibration 2, BYP = 1*
PCH1
X4
NCH1
X6
PCH2
X3
NCH2
X5
VDC1
X1
VDC2
X2
—
0x03
iC-Haus Test 1
VPAH
VPD
—
CGUCK
IPF
V05
IERR
0x04
iC-Haus Test 2
PS_out
NS_out
PC_out
NC_out
PZ_out
NZ_out
IERR
0x05
iC-Haus Test 3
PS_out
NS_out
PC_out
NC_out
PZ_out
NZ_out
ERR
0x06
iC-Haus Test 4, BYP = 0
iC-Haus Test 4, BYP = 1*
TANA12(0)
X4
TANA12(1)
X6
TANA12(2)
X3
TANA12(3)
X5
TANA12(4)
X1
TANA12(5)
X2
IERR
0x07
Calibration 3
VTs
VTth
—
—
—
—
ERR
0x08
Saturation low
SCL, SDA and ERR low
0x09
—
—
—
—
—
—
—
—
0x0A
iC-Haus Test 5
TP
CLK6
—
—
—
—
—
0x0B
—
—
—
—
—
—
—
—
0x0C
—
—
—
—
—
—
—
—
0x0D
—
—
—
—
—
—
—
—
0x0E
IDDQ-Test
All PU/PD resistors, oscillator and supply voltage deactivated
0x0F
—
—
—
—
—
—
—
—
Notes
Analog calibration signals are output via approx. 5 kΩ source impedance (see Elec. Char. No.507).
For accuracy of calibration the signal frequency should not exceed 2 kHz (see Elec. Char. No.508).
* Bypass function: inputs (without voltage divider) to outputs, approx. 7 kΩ source impedance (see Elec. Char. No.509).
Table 13: Selection of Operating Modes
Calibration Op. Modes
In Calibration Mode 1 the user can measure the BIAS
current (IBN), input amplifier reference potential VREFI
and the analog signals from channel 0 following signal
conditioning (PCH0 and NCH0).
In Calibration Mode 2 the conditioned signals from
channels 1 and 2 are output (PCH1, NCH1, PCH2
and NCH2). In addition the intermediate potentials of
the compensating circuits are also available for CH1
(VDC1) and CH2 (VDC2).
In Calibration Mode 3 the internal temperature monitor-
ing signals are provided.
Special Device Test Functions
IDDQ-Test, Saturation Low, Saturation High, and Test
1 to 5 are test modes for iC-Haus device tests. With
an activated bypass (BYP = 1), mode iC-Haus Test 4
permits the direct feedthrough of X1 - X6 input signals
to the output pins; in this instance the output impedance
is high-ohmic. Furthermore, if the input voltage divider
is selected (by RINx = 1- -1), it reduces the signal ampli-
tudes to approx. 7/8.
Signal Filter
iC-MSB has a noise limiting signal filter to filter the con-
ditioned analog signals. This can be activated using
ENF.
ENF
Adr 0x0E, bit 7
Code
Function
0
Noise limiter deactivated
1
Noise limiter activated
Table 14: Signal Filtering



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com