Electronic Components Datasheet Search
  English  ▼

X  

IC-MSB Datasheet(PDF) 4 Page - IC-Haus GmbH

Part # IC-MSB
Description  SIN/COS SIGNAL CONDITIONER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MSB Datasheet(HTML) 4 Page - IC-Haus GmbH

  IC-MSB Datasheet HTML 1Page - IC-Haus GmbH IC-MSB Datasheet HTML 2Page - IC-Haus GmbH IC-MSB Datasheet HTML 3Page - IC-Haus GmbH IC-MSB Datasheet HTML 4Page - IC-Haus GmbH IC-MSB Datasheet HTML 5Page - IC-Haus GmbH IC-MSB Datasheet HTML 6Page - IC-Haus GmbH IC-MSB Datasheet HTML 7Page - IC-Haus GmbH IC-MSB Datasheet HTML 8Page - IC-Haus GmbH IC-MSB Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
iC-MSBSAFETY, iC-MSB2
SIN/COS SIGNAL CONDITIONER WITH 1Vpp DRIVER
Rev F3, Page 4/32
PACKAGING INFORMATION
PIN CONFIGURATION TSSOP20, TSSOP20-TP
PIN FUNCTIONS
No. Name
Function
1 X1
Signal Input 1 (Index +)
2 X2
Signal Input 2 (Index -)
3 X3
Signal Input 3
4 X4
Signal Inout 4
5 VDDS1) Switched Supply Output and Internal
Analog Supply Voltage
(reverse-polarity-proof, load 20 mA
max.)
6 GNDS1) Switched Ground
(reverse-polarity-proof)
7 X5
Signal Input 5
8 X6
Signal Input 6
9 ACO
Signal Level Controller,
high-side current source output
10 SDA
Serial Configuration Interface,
data line
11 SCL
Serial Configuration Interface,
clock line
12 NC
Neg. Cosine Output
13 PC
Pos. Cosine Output
14 NS
Neg. Sine Output
15 PS
Pos. Sine Output
16 GND
Ground
17 VDD
+4.5 to +5.5 V Supply Voltage
18 NZ
Neg. Index Output
19 PZ
Pos. Index Output
20 ERR
Error Signal (In/Out), and
Test Mode Trigger Input
TP2)
Thermal Pad (TSSOP20-TP)
1) It is advisable to connect a bypass capacitor of at least 100 nF close to the chip’s analog supply terminals.
2) To improve heat dissipation the thermal pad of the package (bottom side) should be joined to an extended copper area which must have GNDS potential.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com