Electronic Components Datasheet Search
  English  ▼

X  

IC-MSB Datasheet(PDF) 29 Page - IC-Haus GmbH

Part # IC-MSB
Description  SIN/COS SIGNAL CONDITIONER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MSB Datasheet(HTML) 29 Page - IC-Haus GmbH

Back Button IC-MSB Datasheet HTML 24Page - IC-Haus GmbH IC-MSB Datasheet HTML 25Page - IC-Haus GmbH IC-MSB Datasheet HTML 26Page - IC-Haus GmbH IC-MSB Datasheet HTML 27Page - IC-Haus GmbH IC-MSB Datasheet HTML 28Page - IC-Haus GmbH IC-MSB Datasheet HTML 29Page - IC-Haus GmbH IC-MSB Datasheet HTML 30Page - IC-Haus GmbH IC-MSB Datasheet HTML 31Page - IC-Haus GmbH IC-MSB Datasheet HTML 32Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
iC-MSBSAFETY, iC-MSB2
SIN/COS SIGNAL CONDITIONER WITH 1Vpp DRIVER
Rev F3, Page 29/32
Driver Shutdown
PDMODE
Addr 0x18, bit 6
Code
Function
0
Driver shutdown terminates with the error event
1
Permanent driver shutdown until cycling power
Table 53: Driver Activation
Error Protocol
Out of the errors enabled by EMASKE both the first
error (under ERR1) and last error (under ERR2) which
occur after the iC-MSB is powered up are stored in the
EEPROM.
The EEPROM also has a memory area in which all oc-
curring errors can be stored (ERR3). Only the fact that
an error has occurred can be recorded, with no infor-
mation as to the time and count of appearance of that
error given. Error recording can be used to statistically
evaluate the causes of system failure, for example.
ERR1
Addr 0x20, bit 6:0
ERR2
Addr 0x22, bit 0; Adr 0x21, bit 7:2
ERR3
Addr 0x23, bit 2:0; Adr 0x22, bit 7:4
Bit
Error Event
9:0
Assignation according to EMASKE
Code
Function
0
No event
1
Registered error event
Table 54: Error Protocol
REVERSE POLARITY PROTECTION
The line drivers in iC-MSB are protected against re-
verse polarity and short-circuiting. A defective device
cable or one wrongly connected cause damage neither
to iC-MSB nor to the components protected against
reverse polarity by VDDS and GNDS.
The following pins are also reverse polarity protected:
PC, NC, PS, NS, PZ, NZ, ERR, VDD, GND and ACO
(as long as GNDS is only loaded versus VDDS). The
maximum voltage difference between the pins should
not exceed 6 V (respectively 8 V for pin ERR).
Note: If iC-MSB detects reverse polarity on power up,
the line drivers will not be enabled.
If the state of reverse polarity is resolved, iC-MSB re-
boots from the EEPROM and enables the line drivers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com