Electronic Components Datasheet Search
  English  ▼

X  

AD7617BSTZ Datasheet(PDF) 14 Page - Analog Devices

Part # AD7617BSTZ
Description  16-Channel DAS with 14-Bit, Bipolar Input, Dual Simultaneous Sampling ADC
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7617BSTZ Datasheet(HTML) 14 Page - Analog Devices

Back Button AD7617BSTZ Datasheet HTML 10Page - Analog Devices AD7617BSTZ Datasheet HTML 11Page - Analog Devices AD7617BSTZ Datasheet HTML 12Page - Analog Devices AD7617BSTZ Datasheet HTML 13Page - Analog Devices AD7617BSTZ Datasheet HTML 14Page - Analog Devices AD7617BSTZ Datasheet HTML 15Page - Analog Devices AD7617BSTZ Datasheet HTML 16Page - Analog Devices AD7617BSTZ Datasheet HTML 17Page - Analog Devices AD7617BSTZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 52 page
background image
Data Sheet
AD7617
Rev. 0 | Page 13 of 51
Pin No.
Type1
Mnemonic2
Description
45
DO/DI
DB4/SER1W
Parallel Output/Input Data Bit 4/Serial Output Selection. In parallel mode, this pin acts as a
three-state parallel digital output/input pin. Refer to the Parallel Interface section for further
details.
In serial mode, this pin determines whether the serial output operates over SDOA and SDOB
or just SDOA. When SER1W is low, the serial output operates over SDOA only. When SER1W is
high, the serial output operates over both SDOA and SDOB. The signal state is latched on the
release of a full reset, and requires an additional full reset to reconfigure.
46
DO/DI
DB5/CRCEN
Parallel Output/Input Data Bit 5/Cyclic Redundancy Check (CRC) Enable Input. In parallel
mode, this pin acts as a three-state parallel digital input/output. While in serial mode, this pin
acts as a CRC enable input. The CRCEN signal state is latched on the release of a full reset, and
requires an additional full reset to reconfigure. Refer to the Digital Interface section for further
details.
In serial mode, when CRCEN is low, there is no CRC word following the conversion results;
when CRCEN is high, an extra CRC word follows the last conversion word configured by
CHSELx. See the CRC section for further details.
In software mode, this pin must be connected to DGND.
47, 48
DO/DI
DB6, DB7
Parallel Output/Input Data Bit 6 and Data Bit 7. When SER/PAR = 0, these pins act as three-
state parallel digital input/outputs. Refer to the Parallel Interface section for further details. In
serial mode, when SER/PAR = 1, these pins must be tied to DGND.
49
P
VDRIVE
Logic Power Supply Input. The voltage (2.3 V to 3.6 V) supplied at this pin determines the
operating voltage of the interface. This pin is nominally at the same supply as the supply of
the host interface. Decouple this pin with 0.1 µF and 10 µF capacitors in parallel.
50
GND
DGND
Digital Ground. This pin is the ground reference point for all digital circuitry on the AD7617.
The DGND pin must connect to the DGND plane of a system.
51
CAP
REGGNDD
Ground for the Digital Low Dropout (LDO) Regulator Connected to REGCAPD (Pin 52).
52
CAP
REGCAPD
Decoupling Capacitor Pin for Voltage Output from Internal Digital Regulator. Decouple this
output pin separately to REGGNDD using a 10 μF capacitor. The voltage at this pin is 1.89 V typical.
53, 54
DO/DI
DB8, DB9
Parallel Output/Input Data Bit 9 and Data Bit 8. When SER/PAR = 0, these pins act as three-
state parallel digital input/outputs. Refer to the Parallel Interface section for further details.
In serial mode, when SER/PAR = 1, these pins must be tied to DGND.
55
DO/DI
DB10/SDI
Parallel Output/Input Data Bit DB10/Serial Data Input. When SER/PAR = 0, this pin acts as a
three-state parallel digital input/output. Refer to the Parallel Interface section for further
details. In hardware serial mode, tie this pin to DGND.
In serial mode, when SER/PAR = 1, this pin acts as the data input of the SPI interface.
56
DO/DI
DB11/SDOB
Parallel Output/Input Data Bit 11/Serial Data Output B. When SER/PAR = 0, this pin acts as a
three-state parallel digital input/output. Refer to the Parallel Interface section for further
details.
In serial mode, when SER/PAR = 1 and DB4/SER1W = 1, this pin functions as SDOB and outputs
serial conversion data.
57
DO/DI
DB12/SDOA
Parallel Output/Input Data Bit 12/Serial Data Output A. When SER/PAR = 0, this pin acts as a
three-state parallel digital input/output. Refer to the Parallel Interface section for further
details.
In serial mode, when SER/PAR = 1, this pin functions as SDOA and outputs serial conversion data.
58, 59, 60
DO/DI
DB13/OS0,
DB14/OS1,
DB15/OS2
Parallel Output/Input Data Bit 13, Data Bit 14, and Data Bit 15/Oversampling Ratio Selection.
When SER/PAR = 0, these pins act as three-state parallel digital input/outputs. Refer to the
Parallel Interface section for further details.
In serial hardware mode, these pins control the oversampling settings. The signal state is
latched on the release of a full reset and requires an additional full reset to reconfigure. See the
Digital Filter section for further details.
In software serial mode, these pins must be connected to DGND.
61
DI
WR/BURST
Write/Burst Mode Enable.
In software parallel mode, this pin acts as WR for a parallel interface.
In hardware parallel or serial mode, this pin enables BURST mode. The signal state is latched on
the release of a full reset, and requires an additional full reset to reconfigure. Refer to the Burst
Sequencer section for further information.
In software serial mode, connect this pin to DGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com