Electronic Components Datasheet Search
  English  ▼

X  

AD7617BSTZ Datasheet(PDF) 17 Page - Analog Devices

Part # AD7617BSTZ
Description  16-Channel DAS with 14-Bit, Bipolar Input, Dual Simultaneous Sampling ADC
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7617BSTZ Datasheet(HTML) 17 Page - Analog Devices

Back Button AD7617BSTZ Datasheet HTML 13Page - Analog Devices AD7617BSTZ Datasheet HTML 14Page - Analog Devices AD7617BSTZ Datasheet HTML 15Page - Analog Devices AD7617BSTZ Datasheet HTML 16Page - Analog Devices AD7617BSTZ Datasheet HTML 17Page - Analog Devices AD7617BSTZ Datasheet HTML 18Page - Analog Devices AD7617BSTZ Datasheet HTML 19Page - Analog Devices AD7617BSTZ Datasheet HTML 20Page - Analog Devices AD7617BSTZ Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 52 page
background image
AD7617
Data Sheet
Rev. 0 | Page 16 of 51
Figure 14. Typical INL Error, ±10 V Range
Figure 15. Typical INL Error, ±5 V Range
Figure 16. Typical DNL Error, ±10 V Range
Figure 17. Typical DNL Error, ±5 V Range
Figure 18. DC Histogram of Codes at Code Center, ±10 V Range
Figure 19. DC Histogram of Codes at Code Center, ±5 V Range
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
0
5000
10000
15000
CODE
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
0
5000
10000
15000
CODE
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
0
5000
10000
15000
CODE
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
0
5000
10000
15000
CODE
0
0
0
10000
20000
30000
40000
50000
60000
70000
8190
8191
8192
8193
CODE
±10V RANGE
Vxx AND VxxGND
SHORTED TOGETHER
65,537 SAMPLES
8127
57410
0
20776
44759
2
0
10000
20000
30000
40000
50000
8190
8191
8192
8193
CODE
±5V RANGE
Vxx AND VxxGND
SHORTED TOGETHER
65,537 SAMPLES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com