Electronic Components Datasheet Search
  English  ▼

X  

AD7617BSTZ Datasheet(PDF) 27 Page - Analog Devices

Part # AD7617BSTZ
Description  16-Channel DAS with 14-Bit, Bipolar Input, Dual Simultaneous Sampling ADC
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7617BSTZ Datasheet(HTML) 27 Page - Analog Devices

Back Button AD7617BSTZ Datasheet HTML 23Page - Analog Devices AD7617BSTZ Datasheet HTML 24Page - Analog Devices AD7617BSTZ Datasheet HTML 25Page - Analog Devices AD7617BSTZ Datasheet HTML 26Page - Analog Devices AD7617BSTZ Datasheet HTML 27Page - Analog Devices AD7617BSTZ Datasheet HTML 28Page - Analog Devices AD7617BSTZ Datasheet HTML 29Page - Analog Devices AD7617BSTZ Datasheet HTML 30Page - Analog Devices AD7617BSTZ Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 52 page
background image
AD7617
Data Sheet
Rev. 0 | Page 26 of 51
APPLICATIONS INFORMATION
FUNCTIONALITY OVERVIEW
The AD7617 has two main modes of operation: hardware mode
and software mode. Additionally, the communications interface
for hardware or software mode can be serial or parallel. Depending
on the mode of operation and interface chosen, certain functional-
ity may not be available. Full functionality is available in both
software serial and software parallel mode with restricted
functionality in hardware serial mode and hardware parallel mode.
Table 11 shows the functionality available in the different modes of
operation.
POWER SUPPLIES
The AD7617 has two independent power supplies, VCC and VDRIVE,
that supply the analog circuitry and digital interface, respectively.
Decouple both the VCC supply and the VDRIVE supply with a 10 µF
capacitor in parallel with a 100 nF capacitor.
Additionally, these supplies are regulated by two internal LDO
regulators. The analog LDO (ALDO) typically supplies 1.87 V.
Decouple the ALDO with a 10 µF capacitor between the
REGCAP and REGGND pins. The digital LDO (DLDO)
typically supplies 1.89 V. Decouple the DLDO with a 10 µF
capacitor between the REGCAPD and REGGNDD pins.
The AD7617 is robust to power supply sequencing. The recom-
mended sequence is to power up VDRIVE first, followed by VCC.
Hold RESET low until both supplies are stabilized.
TYPICAL CONNECTIONS
Figure 50 shows the typical connections required for correct
operation of the AD7617. Decouple the VCC and VDRIVE supplies
as shown in Figure 50. Place the smaller, 0.1 µF capacitor as close to
the supply pin as possible, with the larger 10 µF bulk capacitor in
parallel. Decouple the reference and LDO regulators as shown
in Figure 50 and as described in Table 7.
The analog input pins require a matched resistance, R, on both
the VxA and VxAGND (similarly, VxB and VxBGND) inputs
to avoid a gain error on the analog input channels caused by an
impedance mismatch.
Table 11. Functionality Matrix
Functionality
Operation Mode1
Software Mode, HW_RNGSELx = 00
Hardware Mode, HW_RNGSELx ≠ 00
Serial, SER/PAR = 1
Parallel, SER/PAR = 0
Serial, SER/PAR = 1
Parallel, SER/PAR = 0
Internal/External Reference
Yes
Yes
Yes
Yes
Selectable Analog Input Ranges
Individual Channel Configuration
Yes
Yes
No
No
Common Channel Configuration
No
No
Yes
Yes
Sequential Sequencer
Yes
Yes
Yes
Yes
Fully Configurable Sequencer
Yes
Yes
No
No
Burst Mode
Yes
Yes
Yes
Yes
On-Chip Oversampling
Yes
Yes
Yes
No
CRC
Yes
Yes
Yes
No
Diagnostic Channel Conversion
Yes
Yes
No
No
Hardware Reset
Yes
Yes
Yes
Yes
Serial 1-Wire Mode
Yes
No
Yes
No
Serial 2-Wire Mode
Yes
No
Yes
No
Register Access
Yes
Yes
No
No
1
Yes means available; no means not available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com